Electronic Components Datasheet Search
  English  ▼

X  

ADP3208A Datasheet(PDF) 28 Page - Analog Devices

Part # ADP3208A
Description  7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3208A Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP3208A Datasheet HTML 24Page - Analog Devices ADP3208A Datasheet HTML 25Page - Analog Devices ADP3208A Datasheet HTML 26Page - Analog Devices ADP3208A Datasheet HTML 27Page - Analog Devices ADP3208A Datasheet HTML 28Page - Analog Devices ADP3208A Datasheet HTML 29Page - Analog Devices ADP3208A Datasheet HTML 30Page - Analog Devices ADP3208A Datasheet HTML 31Page - Analog Devices ADP3208A Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
ADP3208A
Rev. 2 | Page 28 of 38 | www.onsemi.com
PWRGD DELAY TIMER
The PWRGD delay, tCPU_PWRGD, is defined in IMVP-6+ as the
period between the CLKEN assertion and the PWRGD
assertion. It is programmed by a capacitor connected to the
PGDELAY pin and calculated as follows:
V
9
.
2
μA
2
_
PWRGD
CPU
PGDELAY
t
C
×
=
(5)
IMVP-6+ specifies that the PWRGD delay is between 3 ms and
20 ms. Assuming a 5 ms PWRGD delay, CPGDELAY is 4.7 nF.
INDUCTOR SELECTION
The choice of inductance determines the ripple current of the
inductor. Less inductance results in more ripple current, which
increases the output ripple voltage and the conduction losses in
the MOSFETs. However, this allows the use of smaller-size
inductors, and for a specified peak-to-peak transient deviation,
it allows less total output capacitance. Conversely, a higher
inductance means lower ripple current and reduced conduction
losses, but it requires larger-size inductors and more output
capacitance for the same peak-to-peak transient deviation. For a
multiphase converter, the practical value for peak-to-peak
inductor ripple current is less than 50% of the maximum dc
current of that inductor. Equation 6 shows the relationship
between the inductance, oscillator frequency, and peak-to-peak
ripple current. Equation 7 can be used to determine the
minimum inductance based on a given output ripple voltage.
L
f
D
V
I
SW
MIN
VID
R
×
−
×
=
)
1
(
(6)
RIPPLE
SW
MIN
MIN
O
VID
V
f
D
D
n
R
V
L
×
−
×
×
−
×
×
≥
)
1
(
))
(
1
(
(7)
Solving Equation 7 for a 16 mV peak-to-peak output ripple
voltage yields
()
nH
493
mV
16
kHz
0
0
3
)
076
.
0
1
(
076
.
0
2
1
mΩ
1
.
2
V
75
3
4
1.
=
×
−
×
−
×
×
≥
L
If the resultant ripple voltage is less than the initially selected
value, the inductor can be changed to a smaller value until the
ripple value is met. This iteration allows optimal transient
response and minimum output decoupling.
The smallest possible inductor should be used to minimize the
number of output capacitors. Choosing a 490 nH inductor is a
good choice for a starting point, and it provides a calculated
ripple current of 9.0 A. The inductor should not saturate at the
peak current of 24.5 A, and it should be able to handle the sum
of the power dissipation caused by the winding’s average current
(20 A) plus the ac core loss. In this example, 330 nH is used.
Another important factor in the inductor design is the DCR,
which is used for measuring the phase currents. Too large of a
DCR causes excessive power losses, whereas too small of a value
leads to increased measurement error. For this example, an
inductor with a DCR of 0.8 mΩ is used.
Selecting a Standard Inductor
After the inductance and DCR are known, select a standard
inductor that best meets the overall design goals. It is also
important to specify the inductance and DCR tolerance to
maintain the accuracy of the system. Using 20% tolerance for
the inductance and 15% for the DCR at room temperature are
reasonable values that most manufacturers can meet.
Power Inductor Manufacturers
The following companies provide surface-mount power inductors
optimized for high power applications upon request.
•
Vishay Dale Electronics, Inc.
(605) 665-9301
•
Panasonic
(714) 373-7334
•
Sumida Electric Company
(847) 545-6700
•
NEC Tokin Corporation
(510) 324-4110
Output Droop Resistance
The design requires that the regulator output voltage measured
at the CPU pins decreases when the output current increases. The
specified voltage drop corresponds to the droop resistance (RO).
The output current is measured by summing the currents of the
resistors monitoring the voltage across each inductor and by
passing the signal through a low-pass filter. The summing is
implemented by the CS amplifier that is configured with
resistor RPH(x) (summer) and resistors RCS and CCS (filters). The
output resistance of the regulator is set by the following
equations:
SENSE
x
PH
CS
O
R
R
R
R
×
=
)
(
(8)
CS
SENSE
CS
R
R
L
C
×
=
(9)
where
RSENSE is the DCR of the output inductors.
Either RCS or RPH(x) can be chosen for added flexibility. Due to
the current drive ability of the CSCOMP pin, the RCS resistance
should be greater than 100 kΩ. For example, initially select RCS
to be equal to 200 kΩ, and then use Equation 9 to solve for
CCS:
nF
1
.
2
kΩ
200
mΩ
8
.
0
nH
330
=
×
=
CS
C
If CCS is not a standard capacitance, RCS can be tuned. For
example, if the optimal CCS capacitance is 1.5 nF, adjust RCS to
280 kΩ. For best accuracy, CCS should be a 5% NPO capacitor.
In this example, a 220 kΩ is used for RCS to achieve optimal results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com