Electronic Components Datasheet Search
  English  ▼

X  

A11213 Datasheet(PDF) 21 Page - Hamamatsu Corporation

Part # A11213
Description  Optical Components for Optical Measurement
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

A11213 Datasheet(HTML) 21 Page - Hamamatsu Corporation

Back Button A11213 Datasheet HTML 17Page - Hamamatsu Corporation A11213 Datasheet HTML 18Page - Hamamatsu Corporation A11213 Datasheet HTML 19Page - Hamamatsu Corporation A11213 Datasheet HTML 20Page - Hamamatsu Corporation A11213 Datasheet HTML 21Page - Hamamatsu Corporation A11213 Datasheet HTML 22Page - Hamamatsu Corporation A11213 Datasheet HTML 23Page - Hamamatsu Corporation A11213 Datasheet HTML 24Page - Hamamatsu Corporation A11213 Datasheet HTML 25Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Technical Guide
GFluorescence Detection (Confocal)
For detecting fluorescence, it is convenient to use a laser with an optical fiber output. If you intend to focus the laser up to the
diffraction limit, use single-mode optical fiber. The infinity-corrected objective lens inside the beam aligner block collimates the light
beam emitted from the optical fiber. In this situation, you can collect the light efficiently if you use an objective lens with an NA that is
larger than that of the optical fiber. You can calculate the beam diameter from the optical fiber NA or the objective lens NA, whichever
is smaller, and the focal length of the objective lens.
The laser is reflected by the dichroic mirror, passes through the objective lens in the stage block, and excites the sample. The excited
fluorescence passes through the objective lens, dichroic mirror, and tube lens block and is focused on the position of the pinhole that
is installed in the pinhole block. This creates the confocal optical system. The light that passes through the pinhole is collimated by
the installed lens and is injected into the PMT module.
21
TPMOC0217EA
GConnection Example Using an Objective Lens and the Tube Lens Block
An infinity-corrected objective lens is connected to the A10859 tube lens block with a microscope objective lens mount, which has
threads for a M20.32
× 0.706 mm objective lens and a C-mount male thread. Next, the tube lens block is connected to an imaging
camera, such as an ICCD camera. You can adjust the focus using the manual focusing ring on the tube lens block.
TPMOC0215EA
The performance of the confocal optical system is determined by the size of the pinhole. The Airy disk (diameter) is used as the
reference. The following equation is used to calculate the Airy disk. The system magnification is determined by the focal length of the
observation-side objective lens and the focal length of the tube lens block.
If spatial resolution is important, use a pinhole whose size is close to the size of the Airy disk. If you are only measuring fluorescence
intensity, make the pinhole larger than the Airy disk; this will lower the spatial resolution, but it will also increase the signal level.
Airy disk (diameter) = 1.22
× M ×
M: System magnification =
λ : Fluorescence wavelength
NA: NA of the observation-side objective lens
* If the objective lens focal distance on the observation side is unknown, please contact the lens manufacturer.
Focal length of the tube lens block
Focal length of the observation-side objective lens*
λ
NA
ICCD
CAMERA
MICROSCOPE OBJECTIVE LENS MOUNT
*
(COMMERCIALLY AVAILABLE)
OBJECTIVE
LENS
TUBE LENS BLOCK A10859
* Example: Edmund Optics
Microscope objective lens mount
LASER
PMT MODULE
STAGE BLOCK
A10858
C-MOUNT INTERCHANGEABLE
DICHROIC BLOCK A11214
PINHOLE HOLDER BLOCK A11027
OBJECTIVE LENS
(COMMERCIALLY AVAILABLE)
BEAM ALIGNER BLOCK A10760
OPTICAL FIBER (FC CONNECTOR)
OBJECTIVE LENS
(COMMERCIALLY AVAILABLE)
C-MOUNT INTERCHANGEABLE
FILTER BLOCK A11213 (FOR THE CONNECTOR)
C-MOUNT INTERCHANGEABLE
FILTER BLOCK A11213
(FOR THE CONNECTOR)
FILTER BLOCK A10033-xx
ADAPTER BLOCK A10030-01
DICHROIC MIRROR (COMMERCIALLY AVAILABLE)
PINHOLE (COMMERCIALLY AVAILABLE)
TUBE LENS BLOCK A10859-01
C-MOUNT DOUBLE MALE THREAD RING
(SUPPLIED WITH A10859-01)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com