Electronic Components Datasheet Search
  English  ▼

X  

A11213 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # A11213
Description  Optical Components for Optical Measurement
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

A11213 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  A11213 Datasheet HTML 1Page - Hamamatsu Corporation A11213 Datasheet HTML 2Page - Hamamatsu Corporation A11213 Datasheet HTML 3Page - Hamamatsu Corporation A11213 Datasheet HTML 4Page - Hamamatsu Corporation A11213 Datasheet HTML 5Page - Hamamatsu Corporation A11213 Datasheet HTML 6Page - Hamamatsu Corporation A11213 Datasheet HTML 7Page - Hamamatsu Corporation A11213 Datasheet HTML 8Page - Hamamatsu Corporation A11213 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LINE UP
2
Product Name / Type No.
Over View
Page
Photo
Adapter Block
A10030 Series
4
The A10030 series is an adapter block for connecting a PMT module to a V-
groove type optical block.
Fiber Adapter Block
A10037 Series
5
Optical fiber cables with FC or SMA connectors can be connected to the
blocks in the A10037 series.
The lens assembled in the block collimates the light spread from the optical fiber.
Beam Expander Block
A10031
5
This optical block widens the diameter of a collimated beam of light to 2.5
times its original size or narrows the diameter to 1/2.5 times its original size.
Cuvette Holder Block
A11971
6
This holder block is a small dark box specifically designed for cuvettes with
an optical path length of 10 mm, and allows easy measurement of samples
in combination with various optical blocks.
C-Mount
Adapter Block
A10039
4
This block connects a device having C-mount to V-groove type optical
blocks. The connection angle for the device and block is adjustable.
Shutter Block
A10036
7
The A10036 is a manual shutter block with a plate that is opened and
closed by sliding it left and right. Light is sufficiently blocked so there will be
no problem even at photon counting levels.
ND Filter Block
A10032 Series
7
A neutral density (ND) filter is included in this optical block to attenuate light
levels.
Filter Block
A10033 Series
8
This optical block contains a filter that passes only particular wavelengths.
Bandpass filters and long-pass filters are available.
Interchangeable
Filter Block
A10033-90
9
The A10033-90 is a holder block for assembling a commercially available
15 mm diameter filter.
Dichroic Block
A10034 Series
10
This block contains a dichroic mirror that reflects particular wavelengths but
passes other wavelengths. A total of six products are available.
Beam Splitter Block
A10035
11
This optical block uses a cubic type half-mirror. Incident light is split into
reflected and transmitted beams at a ratio of 1 to 1.
Beam Splitter
Holder Block
A10035-90
11
The A10035-90 is a holder block designed to hold a 15 mm cubic type
beam splitter.
Stage Block
A10858
12, 13
This is a dark box equipped with 2 micrometers for positionings. It allows
light measurements even under room lighting by externally connecting vari-
ous types of optical blocks.
Beam Aligner Block
A10760
14
This optical block is for using an infinity-corrected objective lens to guide
laser light into an optical fiber with an attached FC connector or to collimate
and transmit the beam from a fiber-optic cable.
Tube Lens Block
A10859 Series
15
This block contains a focusing lens with a focal distance of 100 mm and is
used for an infinity-corrected objective lens. Aberration is reduced due to
the use of an achromatic lens.
Pinhole Holder Block
A11027
16
This is a feed screw type holder block that can hold a commercially available,
mount type pinhole and adjust its position in the XY direction. Light passing
through the pinhole is collimated by the lens installed in the block and is output.
C-Mount Interchangeable
Filter Block
A11213 Series
17
The A11213 series is a C-mount connection block for installing a commercial-
ly available 25 mm diameter filter or lens. This block allows angle adjustment
and so is useful as a spacer or adapter that connects between C-mounts.
Joint Block
A10038 Series
6
The A10038 series is a joint block for connecting one optical block to
another. The joint is available in two types: MM (male-male) type and FF
(female-female) type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com