Electronic Components Datasheet Search
  English  ▼

X  

A11213 Datasheet(PDF) 9 Page - Hamamatsu Corporation

Part # A11213
Description  Optical Components for Optical Measurement
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

A11213 Datasheet(HTML) 9 Page - Hamamatsu Corporation

Back Button A11213 Datasheet HTML 5Page - Hamamatsu Corporation A11213 Datasheet HTML 6Page - Hamamatsu Corporation A11213 Datasheet HTML 7Page - Hamamatsu Corporation A11213 Datasheet HTML 8Page - Hamamatsu Corporation A11213 Datasheet HTML 9Page - Hamamatsu Corporation A11213 Datasheet HTML 10Page - Hamamatsu Corporation A11213 Datasheet HTML 11Page - Hamamatsu Corporation A11213 Datasheet HTML 12Page - Hamamatsu Corporation A11213 Datasheet HTML 13Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
A10033-71
TPMOB0214EA
Transmittance [Longpass filter] (Typical)
A10033-61, A10033-62, A10033-63 (Colored glass filter)
TACCB0083EA
300
0
10
20
30
40
50
60
70
80
90
100
400
500
600
700
800
WAVELENGTH (nm)
A10033-63
A10033-62
A10033-61
300
0
10
20
30
40
50
60
70
80
90
100
400
500
WAVELENGTH (nm)
600
700
800
GInterchangeable Filter Block A10033-90
How to install an optical filter
1. Loosen the thumbscrews.
2. Insert, in order, the optical filter,
spacer ring and retaining ring.
3. Tighten the retaining ring with
the tightening tool.
4. Install the O-ring in place.
SPECIFICATIONS
The A10033-90 is a filter holder block that allows you to insert an
optical filter according to your application. The filter is held by the
spacer ring and the retaining ring, and can be easily exchanged by
using the accessory tool.
NOTE: • Filters for this block must be purchased separately.
•
Do not install optical filters in the wrong direction be-
cause they have the front side and back side for an
light beam. Always insert the O-ring for blocking light
after installing an optical filter.
•
When installing an optical filter, be careful to keep it
clean and to avoid getting fingerprints on it.
TACCA0272EA
Dimensional Outlines (Unit: mm)
Type No.
A10033-90
Effective
Beam Size
8 mm
Conpatible Filter Size
Weight
Approx.
24 g
Diameter: 12.7 mm (1/2 inch) to 15 mm (Max.)
(recommended: 15 mm)
Thickness: 1.5 mm to 5 mm
22.0
±0.1
20.0
±0.1 (8)
2
Connection Example: Fiber-Optic Single Wavelength Detection
TPMOC0211EA
FILTER BLOCK
A10033-xx
ADAPTER BLOCK A10030-01
FIBER ADAPTER BLOCK A10037-xx
PMT MODULE
The lens inside the A10037 fiber adapter block collimates the beam of the light signal emitted from the optical fiber. The A10033 filter
block only allows a specific wavelength to pass. When dimming the beam, use ND filter block A10032.
PMT MODULE
FILTER BLOCK
A10033-xx
ND FILTER BLOCK
A10032-xx
FIBER ADAPTER BLOCK
A10037-xx
ADAPTER BLOCK
A10030-01
* Transmittance characteristics are typical examples and
may slightly vary depending on production lots.
* Dimensional outlines are the same as the A10033-90.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com