Electronic Components Datasheet Search
  English  ▼

X  

0103B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 0103B
Description  7190 Series Work Station Parts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0103B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  0103B Datasheet HTML 1Page - List of Unclassifed Manufacturers 0103B Datasheet HTML 2Page - List of Unclassifed Manufacturers 0103B Datasheet HTML 3Page - List of Unclassifed Manufacturers 0103B Datasheet HTML 4Page - List of Unclassifed Manufacturers 0103B Datasheet HTML 5Page - List of Unclassifed Manufacturers 0103B Datasheet HTML 6Page - List of Unclassifed Manufacturers 0103B Datasheet HTML 7Page - List of Unclassifed Manufacturers 0103B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
The "Safety Alert Symbol" symbol to the left is used to call attention to instructions
concerning personal safety. Watch for this symbol, it points out important safety
precautions. It means: “ATTENTION! Stay alert, personal safety may be in danger!”
Read the message that follows this symbol and be alert to the possibility of
personal injury or death resulting from misuse.
The use of any industrial tool may present hazards which can result in serious
injury or death. The H.K.Porter® tools listed in this catalog are not exceptions
to this rule.
DANGER
WARNING
CAUTION
Indicates a high probability that
death, severe bodily injury or major
property damage could result.
Is serious but less inevitable. There
is some probability that death, severe
bodily injury or property damage
could result.
Is less serious but still demands
attention. Indicates a hazard which
may result in minor injury or
property damage.
READ AND UNDERSTAND ALL DIRECTIONS BEFORE
OPERATING ANY H.K. PORTER
® MANUAL, HYDRAULIC
OR PNEUMATIC TOOL
Tips to Easier, Safer Cutting
Hard metals may snap off or fly through the air when cut. Always wear safety glass-
es and warn workers nearby to prevent them from being injured from flying metal.
To prevent injury from flying metal, take precautions such as wrapping a cloth or
rag around the cutting jaws so metal pieces can not fly.
Safety Precautions
a. When heavy cutting is involved, it is less strenuous to hold one handle of the tool on the ground using
foot pressure. This permits the cutting force to be applied to the upper handle, makes the cutting
position less awkward, and utilizes body weight. This allows more power to be transferred to the
cutting edges.
b. Use the correct cutting tool for the type, size, and hardness of the metal to be cut.
c. Keep cutter jaws at right angles to piece being cut. Cutting diagonally may twist jaws
d. Do not twist or pry with tool while cutting.
e. Do not exceed the full cut on a material whose hardness is unknown. Test hardness with slow pressure
to see if material is being cut. The size of the metal you are cutting is not as important as its hardness.
f.
Do not exceed the cutter capacity that is marked on the jaw of the tool or its rating capacity in
this catalog.
g. Keep jaw bolts tight and joints oiled at all times.
h. Maintain the original jaw bevel angles when sharpening out of line or chip cutting edges.
Wear your gloves and safety glasses at all times!
Do wear safety shoes.
Do remove oil or grease from your hands, from tools and from the floor and area where you will be working.
Do remember that metal flies when cut. The harder the metal, the farther it will fly.
Do warn those in the area when you intend to use a cutter and protect your fellow workers from flying metal.
Do use all tools as recommended.
Don’t attempt to use a cutting tool, hand or power, until you fully understand its use.
Don’t forget that metals may fly and cause injury.
Don’t use cutters for any application except those listed in this catalog.
Don’t use H.K. Porter cutters on energized circuits, wire, or cable.
Safety Do’s and Dont’s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com