Electronic Components Datasheet Search
  English  ▼

X  

0103B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 0103B
Description  7190 Series Work Station Parts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0103B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  0103B Datasheet HTML 1Page - List of Unclassifed Manufacturers 0103B Datasheet HTML 2Page - List of Unclassifed Manufacturers 0103B Datasheet HTML 3Page - List of Unclassifed Manufacturers 0103B Datasheet HTML 4Page - List of Unclassifed Manufacturers 0103B Datasheet HTML 5Page - List of Unclassifed Manufacturers 0103B Datasheet HTML 6Page - List of Unclassifed Manufacturers 0103B Datasheet HTML 7Page - List of Unclassifed Manufacturers 0103B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Never use any H.K. Porter cutters on
energized circuits, wire, or cable.
DANGER
CUTTERS
Quality Features of H.K. Porter® Cutters
There are four basic jaw
designs. They are engineered
to give long, trouble-free life
and the most efficient cutting
of the materials which they
are designed to cut.
RUBBER GRIPS
Easy on the hands.
Firmer grip for user
safety.
TOGGLE JOINT
Transforms 50 pounds
of hand pressure on
handles to 4,000
pounds pressure on cut-
ting edges of jaws.
HANDLES CLOSER
TOGETHER
More cutting power with
less strain.
STEEL TUBULAR
HANDLES
Greater strength,
lighter weight.
SIMPLE
ADJUSTMENT
One adjustment
realigns cutting
edges properly.
LOCKPLATE
Prevents jaw bolts
from turning or
loosening. Eliminates
“sloppy” head, insures
trouble-free operation.
CUTTING JAWS
Alloy tool steel, drop
forged, precision
ground for maximum
wear resistance and
longer cutting life
PRECISION CUTTING EDGES
Accurately beveled for specific
types of cuts and materials.
Four different cutting
blade styles are
available for specific
types or broad ranges of
cutting applications.
1
2
3
4
ANGULAR JAWS
30° offset jaws
have clipper-cut
blades, designed
for cutting close or
flush to a surface.
Cuts soft or medi-
um-hard material.
ALL-PURPOSE
JAWS
Can have center-
or clipper-cut
blades used for
broad cutting
applications.
SHORT-NOSED
JAWS
Center-cut,
carbide-tipped
blades for cutting
hard- and non-
alloy chains and
padlock hasps.
HEAVY-DUTY
STRAP JAWS
Straps keep the
cutting edges
aligned under the
most demanding
applications.
Jaw Designs
Cutting Blades
1
2
3
4
CENTER-CUT
BLADES
Slightly rounded
cutting edges,
beveled on both
sides, broaden
cutting
applications.
CLIPPER-CUT
BLADES
Blades are
beveled on only
one side for
smooth flush cuts
that are close to
workpiece.
SHEAR-CUT
BLADES
Designed to cut
coarse- or fine-
strand cable with
minimal strand
distortion.
END-CUT BLADES
Blades are at right
angles to handles
for easier handling
and “head-on” close
cutting of materials.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com