Electronic Components Datasheet Search
  English  ▼

X  

0103B Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 0103B
Description  7190 Series Work Station Parts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0103B Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  0103B Datasheet HTML 1Page - List of Unclassifed Manufacturers 0103B Datasheet HTML 2Page - List of Unclassifed Manufacturers 0103B Datasheet HTML 3Page - List of Unclassifed Manufacturers 0103B Datasheet HTML 4Page - List of Unclassifed Manufacturers 0103B Datasheet HTML 5Page - List of Unclassifed Manufacturers 0103B Datasheet HTML 6Page - List of Unclassifed Manufacturers 0103B Datasheet HTML 7Page - List of Unclassifed Manufacturers 0103B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ENGINEERING INFORMATION
DANGER
Never use any H.K. Porter cutters on
energized circuits, wire, or cable.
How to Sharpen Cutter Jaws
• Remove nicks in jaws by filing straight across cutting edges
• On jaws with equal bevels, file equally from each bevel, keep file
flat against bevel
• On jaws with one large bevel, file on that bevel, small bevel must
also be restored
• Jaws should not be razor sharp
• Approximately 1/64" (.4mm) should remain flat to form strong,
durable edge
• Adjust tool according to the instructions below
• To sharpen shear-cut blades (blades that pass each other like
scissors) remove nicks by filing straight across cutting edges
• Finish by running a flat file over inner jaw surface to remove burrs
• Choose file size according to size of jaw and/or radius
of curve
• Half round files are the most versatile
Nicholson® File Recommendations
• An adjustment screw is located on the cutter
handle above the toggle joints
• If jaw edges are too far apart with handles
closed, tighten adjusting screw, this brings
cutting edges together
• Cutting edges should be 1/64" (.4mm) apart
for longest jaw life
• Oil all joints
• If jaw edges are too close together with the
handles apart, loosen adjusting screw until it
disappears from the narrow slot in the handle
• Make a cut with the tool in this position (cut will
force the slot inward)
• Try to close the handles. If they do not close
completely and jaw edges are 1/64" (.4mm)
apart, tighten adjusting screw to meet the
handle on far side of slot
• Oil all joints
• If jaws are too far apart with handles closed
after making cut with adjusting screw backed
off, tighten adjusting screw as explained above
• To sharpen shear-cut blades (blades that pass
each other, like scissors), remove nicks by
filing straight across the cutting edges
• Finish by running a flat file over inner blade
surface to remove burrs.
For Jaw
Type
Use File Type
Straight
6", 8" or 10" Mill Bastard
Curved
8", 10" or 12" Half Round Bastard
Straight w/Notch
8", 10" Mill Bastard with one round edge
Notched
8" or 10" Round Bastard
How to Adjust the Cutter Jaws
Ordering Replacement Parts
HKP units may be returned to factory for repair and reconditioning at any time. A free inspection and estimate
of repair charges will be supplied if requested. All returns must be made by prepaid transportation.
Factory Repair Service
Order replacement parts through your Cooper Tools Distributor. Care should be taken to give accurate information regarding part
numbers and descriptions. Include model numbers and serial numbers, as well. Although all parts are available at the factory,
we suggest customers stock spare blades, seals, filters and oil for minimum delay in maintaining their units.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com