Electronic Components Datasheet Search
  English  ▼

X  

MAX4166ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4166ESA
Description  High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I-O Op Amps with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4166ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4166ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
High-Output-Drive, Precision, Low-Power, Single-
Supply, Rail-to-Rail I/O Op Amps with Shutdown
_______________________________________________________________________________________ 9
Applications Information
Package Power Dissipation
Warning: Due to the high output current drive, this op
amp can exceed the absolute maximum power-dissi-
pation rating. As a general rule, as long as the peak cur-
rent is less than or equal to 80mA, the maximum package
power dissipation will not be exceeded for any of the
package types offered. There are some exceptions to this
rule, however. The absolute maximum power-dissipation
rating of each package should always be verified using
the following equations. The following equation gives an
approximation of the package power dissipation:
where: VRMS = the RMS voltage from VCC to VOUT
when sourcing current
= the RMS voltage from VOUT to VEE
when sinking current
IRMS = the RMS current flowing out of or into
the op amp and the load
θ = the phase difference between the
voltage and the current. For resistive
loads, COS
θ = 1.
For example, the circuit in Figure 1 has a package
power dissipation of 157mW.
Therefore, PIC(DISS) = VRMS IRMS COS θ
= 157mW
Adding a coupling capacitor improves the package
power dissipation because there is no DC current to
the load, as shown in Figure 2.
Therefore, PIC(DISS) = VRMS IRMS COS θ
= 38.6mW
The absolute maximum power-dissipation rating of this
package would be exceeded if the configuration in
Figure 1 were used with all four of the MAX4169ESD’s
amplifiers at a high ambient temperature of +75°C
(157mW x 4 amplifiers = 628mW + a derating of
8.33mW/°C x 5°C = 669mW). Note that 669mW just
exceeds the absolute maximum power dissipation of
667mW for the 14-pin SO package (see the
Absolute
Maximum Ratings section).
V
V
V
I
+
I
2
RMS
CC
DC
RMS
PEAK
≅
−
(
)−
=
−
−
=
≅
=
+
=
.
.
.
.
.
/
.
V
V
V
V
V
I
A
V
mA
PEAK
RMS
DC
RMS
2
6 5
3 25
1 5
2
2 189
0
1 5
60
2
17 67
Ω
V
V
V
I
+
I
2
RMS
CC
DC
RMS
PEAK
≅
−
(
)−
=
−
−
=
≅
=
+
=
.
.
.
.
.
.
/
.
V
V
V
V
V
I
V
V
mA
PEAK
RMS
DC
RMS
2
6 5
3 25
1 5
2
2 189
3 25
60
1 5
60
2
71 84
Ω
Ω
P
V
I
COS
IC DISS
RMS RMS
(
) ≅
θ
6.5V
VIN = 3Vp-p
R
C
60
Ω
R
MAX4165
MAX4166
Figure 1. A Circuit Example where the MAX4165/MAX4166 is
Being Used in Single-Supply Operation
6.5V
VIN = 3Vp-p
R
60
Ω
R
C
CC
CC =
1
2
π RL fL
MAX4165
MAX4166
Figure 2. A Circuit Example where Adding a Coupling
Capacitor Greatly Reduces the Power Dissipation of Its
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com