Electronic Components Datasheet Search
  English  ▼

X  

MAX4166ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4166ESA
Description  High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I-O Op Amps with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4166ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4166ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
High-Output-Drive, Precision, Low-Power, Single-
Supply, Rail-to-Rail I/O Op Amps with Shutdown
4
_______________________________________________________________________________________
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +6.5V, VEE = 0V, VCM = 0V, VOUT = (VCC / 2), RL = 100kΩ to (VCC / 2), VSHDN ≥ 2V, TA = -40°C to +85°C, unless
otherwise noted.)
AC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +6.5V, VEE = 0V, VCM = 0V, VOUT = (VCC / 2), RL = 2.5kΩ to (VCC / 2), VSHDN ≥ 2V, CL = 15pF, TA = +25°C, unless
otherwise noted.)
VCC = 3V
VCC = 5V
VCC = 3V
Inferred from PSRR test
IOUT(SHDN)
CONDITIONS
VSHDN < 0.8V
VEE < VSHDN < VCC
VSHDN < 0.8V, VOUT = 0V to VCC
VCC = 5V
µA
54
V
2.7
6.5
VCC
Operating Supply-Voltage
Range
µA
±3.5
SHDN
Input Bias Current
µA
±5
Off-Leakage Current
in Shutdown
ICC(SHDN)
Shutdown Supply Current
(per Amplifier)
82
mA
1.6
ICC
Quiescent Supply Current
(per Amplifier)
1.7
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Slew Rate
SR
V/µs
Gain Margin
GM
dB
degrees
21
PM
Phase Margin
68
Settling Time to 0.01%
tS
CONDITIONS
AVCL = +1V/V, 2V step
µs
pF
CIN
Input Capacitance
3
f = 10kHz, VOUT = 2Vp-p, AVCL = +1V/V
%
2.1
THD
Total Harmonic Distortion
Channel-to-Channel Isolation
0.005
Capacitive Load Stability
VOUT = 4Vp-p, VCC = 5V
f = 1kHz, RL = 100kΩ (MAX4167–MAX4169)
f = 1kHz
MHz
5
GBWP
Gain-Bandwidth Product
nV/
√Hz
en
Input Voltage-Noise Density
26
dB
f = 1kHz
pA/
√Hz
125
in
Input Current-Noise Density
0.4
AVCL = +1V/V, no sustained oscillations
pF
250
kHz
2
Shutdown Time
Enable Time from Shutdown
tSHDN
µs
1
tENABLE
FPBW
Full-Power Bandwidth
µs
1
260
Power-Up Time
tON
µs
5
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VOUT = 0.6V to (VCC - 0.6V)
mA
±80
Output Source/Sink Current
(Note 2)
VCC = 5V
90
AVOL
dB
66
Large-Signal Voltage Gain
VOUT = 0.2V to 4.8V, RL = 100kΩ
VOUT = 0.6V to 4.4V, RL = 25Ω
RL = 100kΩ
40
30
Output Voltage Swing
VCC = 5V
490
RL = 25Ω
VOUT
mV
400
VCC - VOH
VOL - VEE
VCC - VOH
VOL - VEE
Shutdown mode
VIH
0.8
Normal mode
V
2.0
VIL
SHDN
Logic Threshold
(Note 3)
Note 2: Although the minimum output current is guaranteed to be ±80mA, exercise caution to ensure that the absolute maximum
power-dissipation rating of the package is not exceeded.
Note 3: SHDN logic thresholds are referenced to VEE.
Note 4: The MAX4165EUK is 100% tested at +25°C. All temperature limits are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com