Electronic Components Datasheet Search
  English  ▼

X  

MAX4166ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4166ESA
Description  High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I-O Op Amps with Shutdown
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4166ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4166ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
High-Output-Drive, Precision, Low-Power, Single-
Supply, Rail-to-Rail I/O Op Amps with Shutdown
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VCC = +5.0V, VEE = 0V, RL = 100kΩ, TA = +25°C, unless otherwise noted.)
2.00
1.75
-40
100
MINIMUM OPERATING VOLTAGE
vs. TEMPERATURE
1.80
1.95
TEMPERATURE (°C)
-20
0
20
40
60
80
1.90
1.85
88.0
84.0
84.5
-40
100
COMMON-MODE REJECTION RATIO
vs. TEMPERATURE
85.5
85.0
87.5
87.0
TEMPERATURE (°C)
-20
0
20
40
60
80
86.5
86.0
140
0
20
0
0.6
LARGE-SIGNAL GAIN vs. OUTPUT VOLTAGE
(SINKING, VCC = 6.5V)
60
40
120
OUTPUT VOLTAGE (V)
0.1
0.2
0.3
0.4
0.5
100
80
RL = 100kΩ
RL = 1kΩ
RL = 100Ω
VCC = +6.5V
RL to VCC
125
90
95
0
0.6
LARGE-SIGNAL GAIN vs. OUTPUT VOLTAGE
(SOURCING, VCC = 6.5V)
105
100
120
OUTPUT VOLTAGE (V)
0.1
0.2
0.3
0.4
0.5
115
110
RL = 100kΩ
RL = 1kΩ
RL = 100Ω
VCC = +6.5V
RL to VEE
125
107
109
-40
100
LARGE-SIGNAL GAIN vs. TEMPERATURE
(RL = 100kΩ)
111
123
TEMPERATURE (°C)
-20
0
20
40
60
80
121
119
117
115
113
VCC = +6.5V
RL to VCC or VEE
VCC = +2.7V
RL to VCC or VEE
VOUTp-p = VCC - 1V
RL = 100kΩ
110
60
65
-40
100
LARGE-SIGNAL GAIN vs. TEMPERATURE
(RL = 100Ω)
75
70
105
TEMPERATURE (°C)
-20
0
20
40
60
80
100
95
90
85
80
VCC = +2.7V
RL to VEE
VCC = +2.7V
RL to VCC
VCC = +6.5V
RL to VCC
VOUTp-p = VCC - 1V
RL = 100Ω
VCC = +6.5V
RL to VEE
120
0
20
0
0.40
LARGE-SIGNAL GAIN vs. OUTPUT VOLTAGE
(SINKING, VCC = 2.7V)
40
100
OUTPUT VOLTAGE (V)
0.05 0.10 0.15 0.20 0.25 0.30 0.35
80
60
RL = 100kΩ
RL = 100Ω
RL = 1kΩ
VCC = +2.7V
RL to VCC
120
0
0
0.40
LARGE-SIGNAL GAIN vs. OUTPUT VOLTAGE
(SOURCING, VCC = 2.7V)
40
20
100
OUTPUT VOLTAGE (V)
0.05
0.15
0.10
0.20 0.25 0.30 0.36
80
60
VCC = +2.7V
RL to VEE
RL = 100kΩ
RL = 100Ω
RL = 1kΩ
120
0
20
-40
100
OUTPUT VOLTAGE LOW
vs. TEMPERATURE
40
100
TEMPERATURE (°C)
-20
0
20
40
60
80
80
60
VCC = +6.5V, RL = 100Ω
RL to VCC
VCC = +2.7V, RL = 100Ω
VCC = +6.5V, RL = 100kΩ
VCC = +2.7V, RL = 100kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com