Electronic Components Datasheet Search
  English  ▼

X  

B366 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # B366
Description  MISCELLANEOUS HARDWARE-ACCESSORIES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B366 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button B366 Datasheet HTML 8Page - List of Unclassifed Manufacturers B366 Datasheet HTML 9Page - List of Unclassifed Manufacturers B366 Datasheet HTML 10Page - List of Unclassifed Manufacturers B366 Datasheet HTML 11Page - List of Unclassifed Manufacturers B366 Datasheet HTML 12Page - List of Unclassifed Manufacturers B366 Datasheet HTML 13Page - List of Unclassifed Manufacturers B366 Datasheet HTML 14Page - List of Unclassifed Manufacturers B366 Datasheet HTML 15Page - List of Unclassifed Manufacturers B366 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
D
D15
APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (781) 245-4531 E-mail: info@apem.com
VL SERIES LED INDICATORS
6mm (.236") diameter - unsealed
8mm (.314") diameter - unsealed
LED
BRIGHT
MATTE BLACK
COLOR
FINISH
FINISH
Red
VL1000P600
VL100GP600
Yellow
VL1000P500
VL100GP500
Green
VL1000P300
VL100GP300
Note: Bright finish is standard.
FEATURES
SPECIFICATIONS
Insulation resistance:
1000 megohms min.
Dielectric strength:
250 Vrms, 50 Hz min.
Electric life at high temperature:
72 hours at 85
°C
Torque:
1.25 Nm (.922 ft.lb.) max.applied to nut
Climatic category:
40/085/21
Protection level (sealed models):
IP67 per IEC 529
In accordance with NFC 93680 standard
G Indicators with red, yellow or green built-in LED.
G Flatted bushing for anti-rotation.
G 2 bushing diameters: 6mm (.236") and 8mm (.314").
G Sealed and unsealed models.
G Bright chrome or matte black plated finishes.
LED SPECIFICATIONS
(T ambient = 25
°C)
Forward voltage:
2VDC (
≤2.6V)
Nominal current:
10mA
Max. surge current:
0.5 A (tp<10
µs)
Max. reversed voltage:
25V
Max. forward current:
40mA
Max. power dissipation:
100mW
MATERIALS
Bushing and collar:
Brass, bright or matte
black chrome plated
Lens:
Polycarbonate
Hardware supplied:
1 nickel plated brass
hex nut; 9mm (.354") across flats for 6mm (.236")
dia. indicator or 10mm (.393") across flats for 8mm
(.314") dia. indicator.
LED
BRIGHT
MATTE BLACK
COLOR
FINISH
FINISH
Red
VL3000P600
VL300GP600
Yellow
VL3000P500
VL300GP500
Green
VL3000P300
VL300GP300
Note: Bright finish is standard.
(.098)
(.098)
(.295)
(.295)
(.051 MAX)
(.051 MAX)
(.019)
(.019)
(.236 DIA x 0.75 IS)
(.236 DIA x 0.75 IS)
(+)
(+)
(-)
0.50
0.50
6.00 DIA x 0.75 SI
6.00 DIA x 0.75 SI
7.50
7.50
2.50
2.50
1.30 Maxi
1.30 Maxi
(.433)
(.433)
(.118)
(.118)
(.062 MAX)
(.062 MAX)
(.314 DIA x 0.75 IS)
(.314 DIA x 0.75 IS)
(.019)
(.019)
(+)
(+)
(-)
(-)
0.50
0.50
8.00 DIA x 0.75 SI
8.00 DIA x 0.75 SI
1.60 Maxi
1.60 Maxi
11.00
11.00
3.00
3.00
Arrow indicates bushing flat. Option:
bushing without flat and lockwasher- on
request
Arrow indicates bushing flat. Option:
bushing without flat and lockwasher- on
request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com