Electronic Components Datasheet Search
  English  ▼

X  

B366 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # B366
Description  MISCELLANEOUS HARDWARE-ACCESSORIES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B366 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button B366 Datasheet HTML 6Page - List of Unclassifed Manufacturers B366 Datasheet HTML 7Page - List of Unclassifed Manufacturers B366 Datasheet HTML 8Page - List of Unclassifed Manufacturers B366 Datasheet HTML 9Page - List of Unclassifed Manufacturers B366 Datasheet HTML 10Page - List of Unclassifed Manufacturers B366 Datasheet HTML 11Page - List of Unclassifed Manufacturers B366 Datasheet HTML 12Page - List of Unclassifed Manufacturers B366 Datasheet HTML 13Page - List of Unclassifed Manufacturers B366 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
D
D10
APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (781) 245-4531 E-mail: info@apem.com
SEALING BOOTS FOR SWITCHES
For toggle bushing 6 x 0.75 (.236 x 0.75) - 5500 series
FEATURES
G Prevents dust, sand and water from entering switches.
G Prevents ice from blocking actuator movement on toggle switches.
G Compatible with internally sealed toggle and pushbutton actuators.
G Available in a wide range of colors .
G Each boot is supplied with a sealing ring or washer.
MATERIALS AND SPECIFICATIONS
Boot material:
Neoprene or silicone (see comparative advantages below)
Nut material:
Nickel plated or matte black finished brass
Operating temperature:
Neoprene; -20
°C to 50°C
-40
°C to 85°C
Comparative
Temperature Range
Elasticity
Mechanical
Advantages
Low
High
Resistance
Silicone
Excellent
Excellent
Excellent
Poor
Neoprene
Poor
Good
Poor
Excellent
TYPES OF BOOTS - CROSS SECTIONS
* Color options available
NUT
FULL TOGGLE SILICONE BOOTS
Black
Red
Green
White
Knurled
Nickel plated
U1341
U1341-6
U1341-3
U1341-7
Knurled
Matte black
U1343
U1343-6
U1343-3
U1343-7
Hex
Nickel plated
U1302
U1302-6
U1302-3
U1302-7
Hex
Matte black
U1304
U1304-6
U1304-3
U1304-7
Full toggle*
Half toggle*
Two part* (no metal
For double sealing
(standard)
parts accessible)
EXAMPLES OF MOUNTING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com