Electronic Components Datasheet Search
  English  ▼

X  

B366 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # B366
Description  MISCELLANEOUS HARDWARE-ACCESSORIES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B366 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  B366 Datasheet HTML 1Page - List of Unclassifed Manufacturers B366 Datasheet HTML 2Page - List of Unclassifed Manufacturers B366 Datasheet HTML 3Page - List of Unclassifed Manufacturers B366 Datasheet HTML 4Page - List of Unclassifed Manufacturers B366 Datasheet HTML 5Page - List of Unclassifed Manufacturers B366 Datasheet HTML 6Page - List of Unclassifed Manufacturers B366 Datasheet HTML 7Page - List of Unclassifed Manufacturers B366 Datasheet HTML 8Page - List of Unclassifed Manufacturers B366 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
D
D4
APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (781) 245-4531 E-mail: info@apem.com
MISCELLANEOUS HARDWARE (CONT'D.)
LOCKWASHER U14 .122 I.D.
(.122 DIA)
(.228 DIA)
5.80 DIA
3.10 DIA
LOCKWASHER 1/4
Stainless steel U215
(.374 DIA)
(.374 DIA)
(.255 DIA)
(.255 DIA)
(.015)
(.015)
(.031)
(.031)
9.50 DIA
9.50 DIA
6.50 DIA
6.50 DIA
0.80
0.80
0.40
0.40
LOCKWASHER A115
Nickel plated steel 1/4
LOCKWASHER U843 10mm (.393")
Stainless steel
(.566 DIA)
(.405 DIA)
(.019)
(.055)
1.40
0.50
14.40 DIA
10.30 DIA
LOCKWASHER A466
Nickel plated steel 15/32
LOCKWASHER U13 15/32
Zinc plated
(.669 DIA)
(.669 DIA)
(.019)
(.019)
(.055)
(.055)
(.476 DIA)
(.476 DIA)
17.00 DIA
17.00 DIA
0.50
0.50
12.10 DIA
12.10 DIA
1.40
1.40
ANTI-ROTATE RING A107
Nickel plated brass 1/4
LOCKING RING 1/4
Nickel plated U78 Matte black U93
0.80
6.50 DIA
9.60 DIA
2.00
(.031)
(.078)
(.255 DIA)
(.377 DIA)
ANTI-ROTATE RING (LARGE) A158
Nickel plated brass 1/4
LOCKING RING U844 10mm (.393")
Nickel plated
(.551 DIA)
(.551 DIA)
(.401 DIA)
(.401 DIA)
(.043)
(.043)
(.098)
(.098)
14.00 DIA
14.00 DIA
2.50
2.50
1.10
1.10
10.20 DIA
10.20 DIA
ANTI-ROTATE RING A482
Nickel plated brass 15/32
LOCKING RING 12mm (.472")
Nickel plated U121 Matte black U12
(.716 DIA)
(.716 DIA)
(.480 DIA)
(.480 DIA)
(.031)
(.031)
(.090)
(.090)
18.20 DIA
18.20 DIA
0.80
0.80
2.30
2.30
12.20 DIA
12.20 DIA
SEALING WASHER U360 1/4-40
For keyway bushing
(.090)
(.090)
(.251 DIA)
(.251 DIA)
2.30
2.30
6.40 DIA
6.40 DIA
SEALING WASHER U60 15/32
(.472 DIA)
(.472 DIA)
(.110)
(.110)
12.00 DIA
12.00 DIA
2.80
2.80
SEALING WASHER Nylon
12mm (.472") U21
(.48 DIA)
(.48 DIA)
(.716 DIA)
(.716 DIA)
18.20 DIA
18.20 DIA
12.20 DIA
12.20 DIA
GROUND CONNECTOR
12mm (.472") Nickel plated U187
(.826 DIA)
(.826 DIA)
21.00 DIA
21.00 DIA
SWITCH PLATE I-O U1050
.480 I.D.
I
(.48 DIA)
(.48 DIA)
12.20 DIA
12.20 DIA
(.708 DIA)
(.708 DIA)
18.00 DIA
18.00 DIA
SWITCH PLATE ON-OFF U19
.480 I.D.
ON
ON
OFF
OFF
(.48 DIA)
(.48 DIA)
12.20 DIA
12.20 DIA
18.00 DIA
18.00 DIA
(.708 DIA)
(.708 DIA)
CONNECTING SCREW U03
(.236 DIA)
(.236 DIA)
3.00 DIAx0.5
3.00 DIAx0.5
(.118 DIAx0.5)
(.118 DIAx0.5)
6.00 DIA
6.00 DIA
LOCKING RING Brass
Nickel plated U198 Matte black U728
(.240 DIA)
(.240 DIA)
(.464 DIA)
(.464 DIA)
(.031)
(.031)
(.078)
(.078)
11.80 DIA
11.80 DIA
2.00
2.00
6.10 DIA
6.10 DIA
0.80
0.80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com