Electronic Components Datasheet Search
  English  ▼

X  

AD8044 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8044
Description  1 nV/Hz Low Noise 210C Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8044 Datasheet(HTML) 1 Page - Analog Devices

  AD8044 Datasheet HTML 1Page - Analog Devices AD8044 Datasheet HTML 2Page - Analog Devices AD8044 Datasheet HTML 3Page - Analog Devices AD8044 Datasheet HTML 4Page - Analog Devices AD8044 Datasheet HTML 5Page - Analog Devices AD8044 Datasheet HTML 6Page - Analog Devices AD8044 Datasheet HTML 7Page - Analog Devices AD8044 Datasheet HTML 8Page - Analog Devices AD8044 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1 nV/√Hz Low Noise
210°C Instrumentation Amplifier
Data Sheet
AD8229
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Designed and guaranteed for 210°C operation
Low noise
1 nV/√Hz input noise
45 nV/√Hz output noise
High CMRR
126 dB CMRR (minimum), G = 100
80 dB CMRR (minimum) to 5 kHz, G = 1
Excellent ac specifications
15 MHz bandwidth (G = 1)
1.2 MHz bandwidth (G = 100)
22 V/μs slew rate
THD: −130 dBc (1 kHz, G = 1)
Versatile
±4 V to ±17 V dual supply
Gain set with single resistor (G = 1 to 1000)
Specified temperature range
−40°C to +210°C, SBDIP package
−40°C to +175°C, SOIC package
APPLICATIONS
Down-hole instrumentation
Harsh environment data acquisition
Exhaust gas measurements
Vibration analysis
FUNCTIONAL BLOCK DIAGRAM
TOP VIEW
(Not to Scale)
–IN
1
RG
2
RG
3
+IN
4
+VS
8
VOUT
7
REF
6
–VS
5
AD8229
Figure 1.
100
80
60
40
20
0
–20
–40
–60
–80
–100
–55 –35 –15
5
25
45
65
85 105 125 145 165 185 205 225
TEMPERATURE (°C)
Figure 2. Typical Input Offset vs. Temperature (G = 100)
GENERAL DESCRIPTION
The AD8229 is an ultralow noise instrumentation amplifier
designed for measuring small signals in the presence of large
common-mode voltages and high temperatures.
The AD8229 has been designed for high temperature operation.
The process is dielectrically isolated to avoid leakage currents at
high temperatures. The design architecture was chosen to
compensate for the low VBE voltages at high temperatures.
The AD8229 excels at measuring tiny signals. It delivers industry
leading 1 nV/√Hz input noise performance. The high CMRR of
the AD8229 prevents unwanted signals from corrupting the
acquisition. The CMRR increases as the gain increases, offering
high rejection when it is most needed.
The AD8229 is one of the fastest instrumentation amplifiers
available. Its current feedback architecture provides high
bandwidth at high gain, for example, 1.2 MHz at G = 100. The
design includes circuitry to improve settling time after large
input voltage transients. The AD8229 was designed for excellent
distortion performance, allowing use in demanding applications
such as vibration analysis.
Gain is set from 1 to 1000 with a single resistor. A reference pin
allows the user to offset the output voltage. This feature can be
useful when interfacing with analog-to-digital converters.
For the most demanding applications, the AD8229 is available
in an 8-lead side-brazed ceramic dual in-line package (SBDIP).
For space-constrained applications, the AD8229 is available in
an 8-lead plastic standard small outline package (SOIC).


Similar Part No. - AD8044

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8044 AD-AD8044 Datasheet
199Kb / 14P
Quad 150 MHz Rail-to-Rail Amplifier
2/12-Rev. A to Rev. B
AD8044 AD-AD8044 Datasheet
450Kb / 16P
Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044 AD-AD8044 Datasheet
602Kb / 17P
Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044 AD-AD8044 Datasheet
679Kb / 17P
Quad 150 MHz Rail-to-Rail Amplifier
REV. B
AD8044AN AD-AD8044AN Datasheet
199Kb / 14P
Quad 150 MHz Rail-to-Rail Amplifier
2/12-Rev. A to Rev. B
More results

Similar Description - AD8044

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7731 NSC-LMP7731_08 Datasheet
724Kb / 20P
2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
logo
Texas Instruments
LMP7732 TI1-LMP7732 Datasheet
680Kb / 20P
2.9 nV/sqrt(Hz) Low Noise, RRIO Amplifier
OPA2211-HT TI1-OPA2211-HT Datasheet
434Kb / 21P
1.1 nV/ Hz Noise, Low Power, Precision Operational Amplifier
LMP7731 TI-LMP7731_15 Datasheet
1Mb / 26P
2.9 nV/sqrt(Hz) Low Noise, Precision, RRIO Amplifier
LMP7732 TI-LMP7732_15 Datasheet
1,002Kb / 26P
2.9 nV/sqrt(Hz) Low Noise, RRIO Amplifier
logo
Analog Devices
AD8229 AD-AD8229_16 Datasheet
1,011Kb / 25P
1 nV/?숰z Low Noise 210째C Instrumentation Amplifier
REV. B
AD8429 AD-AD8429_16 Datasheet
631Kb / 21P
1 nV/?숰z Low Noise Instrumentation Amplifier
Rev. 0
logo
Texas Instruments
INA849 TI-INA849 Datasheet
1Mb / 26P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA849 TI-INA849_V01 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
INA849 TI-INA849_V02 Datasheet
3Mb / 36P
INA849 Ultra-Low-Noise (1 nV/?숰z), High-Bandwidth, Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com