Electronic Components Datasheet Search
  English  ▼

X  

AD8044 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8044
Description  1 nV/Hz Low Noise 210C Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8044 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8044 Datasheet HTML 10Page - Analog Devices AD8044 Datasheet HTML 11Page - Analog Devices AD8044 Datasheet HTML 12Page - Analog Devices AD8044 Datasheet HTML 13Page - Analog Devices AD8044 Datasheet HTML 14Page - Analog Devices AD8044 Datasheet HTML 15Page - Analog Devices AD8044 Datasheet HTML 16Page - Analog Devices AD8044 Datasheet HTML 17Page - Analog Devices AD8044 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD8229
Data Sheet
Rev. B | Page 14 of 24
50pA/DIV
1s/DIV
Figure 41. 1 Hz to 10 Hz Current Noise
0
5
10
15
20
25
30
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
G = 1
VS = ±15V
VS = ±5V
Figure 42. Large Signal Frequency Response
5V/DIV
0.002%/DIV
750ns TO 0.01%
872ns TO 0.001%
TIME (µs)
2µs/DIV
Figure 43. Large Signal Pulse Response and Settling Time (G = 1), 10 V Step,
VS = ±15 V
5V/DIV
2µs/DIV
640ns TO 0.01%
896ns TO 0.001%
TIME (µs)
0.002%/DIV
Figure 44. Large Signal Pulse Response and Settling Time (G = 10), 10 V Step,
VS = ±15 V
1μs/DIV
G = 1
25°C
175°C
210°C
225°C
Figure 45. Small Signal Response, G = 1, RL = 10 kΩ, CL = 100 pF
1μs/DIV
G = 10
25°C
175°C
210°C
225°C
Figure 46. Small Signal Response, G = 10, RL = 10 kΩ, CL = 100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com