Electronic Components Datasheet Search
  English  ▼

X  

AD8044 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8044
Description  1 nV/Hz Low Noise 210C Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8044 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8044 Datasheet HTML 8Page - Analog Devices AD8044 Datasheet HTML 9Page - Analog Devices AD8044 Datasheet HTML 10Page - Analog Devices AD8044 Datasheet HTML 11Page - Analog Devices AD8044 Datasheet HTML 12Page - Analog Devices AD8044 Datasheet HTML 13Page - Analog Devices AD8044 Datasheet HTML 14Page - Analog Devices AD8044 Datasheet HTML 15Page - Analog Devices AD8044 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8229
Data Sheet
Rev. B | Page 12 of 24
+SR
–SR
0
5
10
15
20
25
30
–55
–25
5
35
65
95
125
155
185
215
TEMPERATURE (°C)
Figure 29. Slew Rate vs. Temperature, VS = ±15 V, G = 1
+SR
–SR
0
5
10
15
20
25
–55
–25
5
35
65
95
125
155
185
215
TEMPERATURE (°C)
Figure 30. Slew Rate vs. Temperature, VS = ±5 V, G = 1
4
6
8
10
12
14
16
18
SUPPLY VOLTAGE (±VS)
–55°C
–40°C
+25°C
+85°C
+125°C
+150°C
+210°C
+225°C
+VS
–VS
–1.0
–2.0
+1.0
+2.0
+2.5
–0.5
–1.5
–2.5
+1.5
+1.5
Figure 31. Input Voltage Limit vs. Supply Voltage
4
6
8
10
12
14
16
18
SUPPLY VOLTAGE (±VS)
–55°C
–40°C
+25°C
+85°C
+125°C
+150°C
+210°C
+225°C
+VS
–VS
–0.8
+0.8
+1.6
+2.0
–0.4
–1.2
+1.2
+0.4
Figure 32. Output Voltage Swing vs. Supply Voltage, RL = 10 kΩ
4
6
8
10
12
14
16
18
SUPPLY VOLTAGE (±VS)
–55°C
–40°C
+25°C
+85°C
+125°C
+150°C
+210°C
+225°C
+VS
–VS
–0.8
+0.8
+1.6
+2.0
–0.4
–1.2
+1.2
+0.4
Figure 33. Output Voltage Swing vs. Supply Voltage, RL = 2 kΩ
–15
–10
–5
0
5
10
15
100
1k
10k
100k
LOAD (Ω)
–55°C
–40°C
+25°C
+85°C
+125°C
+150°C
+210°C
+225°C
VS = ±15V
Figure 34. Output Voltage Swing vs. Load Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com