Electronic Components Datasheet Search
  English  ▼

X  

ADC083000 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADC083000
Description  ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC083000 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADC083000 Datasheet HTML 35Page - Texas Instruments ADC083000 Datasheet HTML 36Page - Texas Instruments ADC083000 Datasheet HTML 37Page - Texas Instruments ADC083000 Datasheet HTML 38Page - Texas Instruments ADC083000 Datasheet HTML 39Page - Texas Instruments ADC083000 Datasheet HTML 40Page - Texas Instruments ADC083000 Datasheet HTML 41Page - Texas Instruments ADC083000 Datasheet HTML 42Page - Texas Instruments ADC083000 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
ADC083000
www.ti.com
SNAS358N – JUNE 2006 – REVISED JULY 2009
Manual Sample Clock Phase Adjust
The sample clock phase can be manually adjusted in the Extended Control Mode to accommodate subtle layout
differences when synchronizing multiple ADCs. Register addresses Dh and Eh provide extended mode access to
fine and coarse adjustments. Use of Low Frequency Sample Clock control, (register Eh; bit-10) is not supported
while using manual sample clock phase adjustments.
It should be noted that by just enabling the phase adjust capability (register Eh; bit-15), degradation of dynamic
performance is expected, specifically SFDR. It is intended that very small adjustments are used. Larger
increases in phase adjustments will begin to affect SNR and ultimately ENOB. Therefore, the use of coarse
phase adjustment should be minimized in favor of better system design.
Fine Clock Phase Adjust Range
Coarse Clock Phase Adjust Range
CONTROL PINS
Six control pins (without the use of the serial interface) provide a wide range of possibilities in the operation of
the ADC083000 and facilitate its use. These control pins provide Full-Scale Input Range setting, Calibration,
Calibration Delay, Output Edge Synchronization choice, LVDS Output Level choice and a Power Down feature.
Full-Scale Input Range Setting
The input full-scale range can be selected to be either 600 mVP-P or 820 mVP-P, as selected with the FSR control
input (pin 14) in the Normal Mode of operation. In the Extended Control Mode, the input full-scale range may be
set to be anywhere from 560 mVP-P to 840 mVP-P. See THE ANALOG INPUT for more information.
Calibration
The ADC083000 calibration must be run to achieve specified performance. The calibration procedure is run upon
power-up and can be run any time on command. The calibration procedure is exactly the same whether there is
an input clock present upon power up or if the clock begins some time after application of power. The CalRun
output indicator is high while a calibration is in progress. Note that the DCLK outputs are not active during a
calibration cycle, therefore it is not recommended as a system clock.
Power-On Calibration
Power-on calibration begins after a time delay following the application of power. This time delay is determined
by the setting of CalDly, as described in the Calibration Delay Section, below.
The calibration process will be not be performed if the CAL pin is high at power up. In this case, the calibration
cycle will not begin until the on-command calibration conditions are met. The ADC083000 will function with the
CAL pin held high at power up, but no calibration will be done and performance will be impaired. A manual
calibration, however, may be performed after powering up with the CAL pin high. See On-Command Calibration.
The internal power-on calibration circuitry comes up in an unknown logic state. If the input clock is not running at
power up and the power on calibration circuitry is active, it will hold the analog circuitry in power down and the
power consumption will typically be less than 25 mW. The power consumption will be normal after the clock
starts.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: ADC083000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com