Electronic Components Datasheet Search
  English  ▼

X  

ADC083000 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # ADC083000
Description  ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC083000 Datasheet(HTML) 41 Page - Texas Instruments

Back Button ADC083000 Datasheet HTML 37Page - Texas Instruments ADC083000 Datasheet HTML 38Page - Texas Instruments ADC083000 Datasheet HTML 39Page - Texas Instruments ADC083000 Datasheet HTML 40Page - Texas Instruments ADC083000 Datasheet HTML 41Page - Texas Instruments ADC083000 Datasheet HTML 42Page - Texas Instruments ADC083000 Datasheet HTML 43Page - Texas Instruments ADC083000 Datasheet HTML 44Page - Texas Instruments ADC083000 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
ADC083000
www.ti.com
SNAS358N – JUNE 2006 – REVISED JULY 2009
For short LVDS lines and low noise systems, satisfactory performance may be realized with the OutV input low.
If the LVDS lines are long and/or the system in which the ADC083000 is used is noisy, it may be necessary to tie
the OutV pin high.
Power Down Feature
The Power Down pin (PD) allows the ADC083000 to be entirely powered down. See Power Down for details on
the power down feature.
The digital data (+/-) output pins are put into a high impedance state when the PD pin for the respective channel
is high. Upon return to normal operation, the pipeline will contain meaningless information and must be flushed.
If the PD input is brought high while a calibration is running, the device will not go into power down until the
calibration sequence is complete. However, if power is applied and PD is already high, the device will not begin
the calibration sequence until the PD input goes low. If a manual calibration is requested while the device is
powered down, the calibration will not begin at all. That is, the manual calibration input is completely ignored in
the power down state.
THE DIGITAL OUTPUTS
The ADC083000 demultiplexes the output data of each of the two ADCs on the die onto two LVDS output buses
(total of four buses, two for each ADC). For each of the two converters, the results of successive conversions
start on the falling edges of the CLK+ pin and are available on one of the two LVDS buses. The results of
conversions that start on the rising edges of the CLK+ pin are available on the other LVDS bus. This means that
the word rate at each LVDS bus is 1/2 the ADC083000 input clock rate and the two buses must be multiplexed to
obtain the entire 3 GSPS conversion result.
Since the minimum recommended input clock rate for this device is 500 MHz, the sampling rate can be reduced
to as low as 1 GSPS by using the results available on all four LVDS busses. The effective sampling rate can be
reduced to as low as 250 MSPS by decimating the data by using one bus and a 500MHz clock.
There is one LVDS output clock pair (DCLK+/-) available for use to latch the LVDS outputs on all buses. Whether
the data is sent at the rising or falling edge of DCLK is determined by the sense of the OutEdge pin, as described
in Output Edge Synchronization.
DDR (Double Data Rate) clocking can also be used. In this mode a word of data is presented with each edge of
DCLK, reducing the DCLK frequency to 1/4 the input clock frequency. When the device is in DDR mode, register
address 1h, bit 8 must be set to 0b. See the Timing Diagram section for details.
The OutV pin is used to set the LVDS differential output levels. See LVDS Output Level Control.
The output format is Offset Binary. Accordingly, a full-scale input level with VIN+ positive with respect to VIN− will
produce an output code of all ones, a full-scale input level with VIN− positive with respect to VIN+ will produce an
output code of all zeros and when VIN+ and VIN− are equal, the output code will be 128.
POWER CONSIDERATIONS
A/D converters draw sufficient transient current to corrupt their own power supplies if not adequately bypassed. A
33 µF capacitor should be placed within an inch (2.5 cm) of the A/D converter power pins. A 0.1 µF capacitor
should be placed as close as possible to each VA pin, preferably within one-half centimeter. Leadless chip
capacitors are preferred because they have low lead inductance.
The VA and VDR supply pins should be isolated from each other to prevent any digital noise from being coupled
into the analog portions of the ADC. A ferrite choke, such as the JW Miller FB20009-3B, is recommended
between these supply lines when a common source is used for them.
As is the case with all high speed converters, the ADC083000 should be assumed to have little power supply
noise rejection. Any power supply used for digital circuitry in a system where a lot of digital power is being
consumed should not be used to supply power to the ADC083000. The ADC supplies should be the same supply
used for other analog circuitry, if not a dedicated supply.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: ADC083000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com