Electronic Components Datasheet Search
  English  ▼

X  

ADC083000 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADC083000
Description  ADC083000 8-Bit, 3 GSPS, High Performance, Low Power A/D Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC083000 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC083000 Datasheet HTML 9Page - Texas Instruments ADC083000 Datasheet HTML 10Page - Texas Instruments ADC083000 Datasheet HTML 11Page - Texas Instruments ADC083000 Datasheet HTML 12Page - Texas Instruments ADC083000 Datasheet HTML 13Page - Texas Instruments ADC083000 Datasheet HTML 14Page - Texas Instruments ADC083000 Datasheet HTML 15Page - Texas Instruments ADC083000 Datasheet HTML 16Page - Texas Instruments ADC083000 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
ADC083000
www.ti.com
SNAS358N – JUNE 2006 – REVISED JULY 2009
CONVERTER ELECTRICAL CHARACTERISTICS (continued)
The following specifications apply after calibration for VA = VDR = +1.9VDC, OutV = 1.9V, VIN FSR (a.c. coupled) = differential
820mVP-P, CL = 10 pF, Differential a.c. coupled Sinewave Input Clock, fCLK = 1.5GHz at 0.5VP-P with 50% duty cycle, VBG =
Floating, Non-Extended Control Mode, SDR Mode, REXT = 3300Ω ±0.1%, Analog Signal Source Impedance = 100Ω
Differential, after calibration. Boldface limits apply for TA = TMIN to TMAX. All other limits TA = 25°C, unless otherwise noted.
(1)(2)
Units
Symbol
Parameter
Conditions
Typical(3)
Limits (3)
(Limits)
500MHz
≤ Input clock
20
% (min)
tCYC
Input Clock Duty Cycle
50
frequency
≤ 1.5 GHz (13)
80
% (max)
tLC
Input Clock Low Time
See(14)
333
133
ps (min)
tHC
Input Clock High Time
See(14)
333
133
ps (min)
45
% (min)
DCLK Duty Cycle
See(14)
50
55
% (max)
Input CLK transition to
tAD
Sampling (Aperture) Delay
1.4
ns
Acquisition of Data
tAJ
Aperture Jitter
0.55
ps rms
Input Clock to Data Output Delay (in addition
50% of Input Clock transition
tOD
3.7
ns
to Pipeline Delay)
to 50% of Data transition
Dd Outputs
13
Input
Db Outputs
14
Pipeline Delay (Latency) (14) (15)
Clock
Dc Outputs
13.5
Cycles
Da Outputs
14.5
AC ELECTRICAL CHARACTERISTICS - Output Clock and Data (16)
tLHT
LH Transition Time - Differential
10% to 90%
150
ps
tHLT
HL Transition Time - Differential
10% to 90%
150
ps
50% of DCLK transition to
50% of Data transition, SDR
tSKEWO
DCLK to Data Output Skew
±50
ps (max)
Mode
and DDR Mode, 0° DCLK (14)
tOSU
Data to DCLK Set-Up Time
DDR Mode, 90° DCLK (13)
570
ps
tOH
DCLK to Data Hold Time
DDR Mode, 90° DCLK (13)
555
ps
AC ELECTRICAL CHARACTERISTICS - Serial Interface Clock
fSCLK
Serial Clock Frequency
See(14)
67
MHz
tSS
Data to Serial Clock Setup Time
See(14)
2.5
ns (min)
tHS
Data to Serial Clock Hold Time
See(14)
1
ns (min)
Serial Clock Low Time
6
ns (min)
Serial Clock High Time
6
ns (min)
AC ELECTRICAL CHARACTERISTICS - General Signals
tSR
Setup Time DCLK_RST±
90
ps
See(13)
tHR
Hold Time DCLK_RST±
30
ps
CLK± Cyc.
tPWR
Pulse Width DCLK_RST±
See(14)
4
(min)
PD low to Rated Accuracy Conversion
tWU
See(14)
1
µs
(Wake-Up Time)
tCAL
Calibration Cycle Time
1.4 x 105
CLK± Cyc.
CLK± Cyc.
tCAL_L
CAL Pin Low Time
See Figure 8 (14)
80
(min)
(13) This parameter is specified by design and/or characterization and is not tested in production.
(14) This parameter is specified by design and is not tested in production.
(15) Each of the two converters of the ADC083000 has two LVDS output buses, which each clock data out at one quarter the sample rate.
Bus Db has a pipeline latency that is one Input Clock cycle less than the latency of bus Dd. Likewise, bus Da has a pipeline latency that
is one Input Clock cycle less than the latency of bus Dc.
(16) All parameters are measured through a transmission line and 100
Ω termination using a 0.33pF load oscilloscope probe.
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC083000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com