Electronic Components Datasheet Search
  English  ▼

X  

AH375 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AH375
Description  SINGLE PHASE HALL EFFECT LATCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH375 Datasheet(HTML) 5 Page - Diodes Incorporated

  AH375 Datasheet HTML 1Page - Diodes Incorporated AH375 Datasheet HTML 2Page - Diodes Incorporated AH375 Datasheet HTML 3Page - Diodes Incorporated AH375 Datasheet HTML 4Page - Diodes Incorporated AH375 Datasheet HTML 5Page - Diodes Incorporated AH375 Datasheet HTML 6Page - Diodes Incorporated AH375 Datasheet HTML 7Page - Diodes Incorporated AH375 Datasheet HTML 8Page - Diodes Incorporated AH375 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AH375
SINGLE PHASE HALL EFFECT LATCH
AH375
Document number: DS31172 Rev. 6 - 2
5 of 9
www.diodes.com
July 2010
© Diodes Incorporated
Ordering Information
AH375 - X X - X
Packing
P : SIP-3L
Package
Lead Free
L : Lead Free
A : Ammo Box (Note 7)
B : Bulk (Note 8)
W : SC59
G : Green (Note 4)
7 : Tape & Reel
Device
Package
Code
Packaging
(Note 5, 6)
Bulk
7” Tape and Reel
Ammo Box
Quantity
Part
Number
Suffix
Quantity
Part
Number
Suffix
Quantity
Part
Number
Suffix
AH375-PL-A
P
SIP-3L
NA
NA
NA
NA
4000/Box
-A
AH375-PL-B
P
SIP-3L
1000
-B
NA
NA
NA
NA
AH375-PG-A
P
SIP-3L
NA
NA
NA
NA
4000/Box
-A
AH375-PG-B
P
SIP-3L
1000
-B
NA
NA
NA
NA
AH375-WL-7
W
SC59
NA
NA
3000/Tape & Reel
-7
NA
NA
AH375-WG-7
W
SC59
NA
NA
3000/Tape & Reel
-7
NA
NA
Notes:
4. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
5. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
6. Reverse taping as shown on Diodes Inc. Surface Mount (SMD) Packaging document AP02007, which can be found on our
website http://www.diodes.com/datasheets/ap02007.pdf.
7. Ammo Box is for SIP-3L Spread Lead.
8. Bulk is for SIP-3L Straight Lead.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com