Electronic Components Datasheet Search
  English  ▼

X  

AH375 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH375
Description  SINGLE PHASE HALL EFFECT LATCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH375 Datasheet(HTML) 1 Page - Diodes Incorporated

  AH375 Datasheet HTML 1Page - Diodes Incorporated AH375 Datasheet HTML 2Page - Diodes Incorporated AH375 Datasheet HTML 3Page - Diodes Incorporated AH375 Datasheet HTML 4Page - Diodes Incorporated AH375 Datasheet HTML 5Page - Diodes Incorporated AH375 Datasheet HTML 6Page - Diodes Incorporated AH375 Datasheet HTML 7Page - Diodes Incorporated AH375 Datasheet HTML 8Page - Diodes Incorporated AH375 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AH375
SINGLE PHASE HALL EFFECT LATCH
AH375
Document number: DS31172 Rev. 6 - 2
1 of 9
www.diodes.com
July 2010
© Diodes Incorporated
Description
AH375 is an integrated Hall-Effect latched sensor designed
for
electronic
commutation
of
brush-less
DC
motor
applications. The device includes an on-chip Hall voltage
generator for magnetic sensing, a comparator that amplifies
the Hall voltage, and a Schmitt trigger to provide switching
hysteresis for noise rejection, and open drain output. An
internal
band-gap
regulator
provides
a
temperature
compensated supply voltage for internal circuits and allows a
wide operating supply range.
When the magnetic flux density (B) is larger than operate
point (Bop), output is switched on (OUT pin is pulled low).
The output state is held on until a magnetic flux density
reversal falls below Brp. When B is less than Brp, the output
is switched off.
The AH375 is available in SIP-3L and SC59 packages.
Features
•
Bipolar Hall-Effect latch sensor
•
2.2V to 20V DC Operating voltage
•
Temperature compensation
•
Open drain pre-driver
•
25mA maximum output sink current
•
Operating temperature: -40
°C to +125°C
•
SIP-3L and SC59 packages
(SC59 is commonly known as SOT23 in Asia)
•
Green Molding Compound (No Br, Sb) (Note 1)
Pin Assignments
(Top View)
1. Vdd
2. GND
3. OUT
SIP-3L
1. Vdd
GND 2.
3. OUT
(Top View)
SC59
Applications
•
Brush-Less DC Motor
•
Brush-Less DC Fan
•
Revolution Counting
•
Speed Measurement
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
Typical Application Circuit
AH375
Output
GND
L
R
C
2
3
1
Vdd


Similar Part No. - AH375

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH375 ANACHIP-AH375 Datasheet
196Kb / 6P
Single Phase Hall Effect Latch
Rev.1.3 Jan. 09, 2006
logo
Diodes Incorporated
AH375 DIODES-AH375 Datasheet
183Kb / 9P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
AH375-PG-A DIODES-AH375-PG-A Datasheet
183Kb / 9P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
AH375-PG-A DIODES-AH375-PG-A Datasheet
183Kb / 9P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
AH375-PG-B DIODES-AH375-PG-B Datasheet
183Kb / 9P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
More results

Similar Description - AH375

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH375 ANACHIP-AH375 Datasheet
196Kb / 6P
Single Phase Hall Effect Latch
Rev.1.3 Jan. 09, 2006
AH375 ANACHIP-AH375_1 Datasheet
183Kb / 6P
Single Phase Hall Effect Latch
logo
BCD Semiconductor Manuf...
AH477 BCDSEMI-AH477 Datasheet
54Kb / 2P
SINGLE PHASE HALL EFFECT LATCH
AH477A BCDSEMI-AH477A Datasheet
590Kb / 10P
SINGLE PHASE HALL EFFECT LATCH
AH477 BCDSEMI-AH477_09 Datasheet
588Kb / 10P
SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH5798_1006 DIODES-AH5798_1006 Datasheet
202Kb / 11P
SINGLE PHASE HALL EFFECT LATCH SMART
DS32001 Rev. 2 - 2
AH375 DIODES-AH375 Datasheet
183Kb / 9P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
AH477A DIODES-AH477A Datasheet
847Kb / 10P
SINGLE PHASE HALL EFFECT LATCH
Rev erses
AH374 DIODES-AH374 Datasheet
520Kb / 12P
SINGLE PHASE HALL EFFECT LATCH
Rev ersal
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com