Electronic Components Datasheet Search
  English  ▼

X  

AH375 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AH375
Description  SINGLE PHASE HALL EFFECT LATCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH375 Datasheet(HTML) 2 Page - Diodes Incorporated

  AH375 Datasheet HTML 1Page - Diodes Incorporated AH375 Datasheet HTML 2Page - Diodes Incorporated AH375 Datasheet HTML 3Page - Diodes Incorporated AH375 Datasheet HTML 4Page - Diodes Incorporated AH375 Datasheet HTML 5Page - Diodes Incorporated AH375 Datasheet HTML 6Page - Diodes Incorporated AH375 Datasheet HTML 7Page - Diodes Incorporated AH375 Datasheet HTML 8Page - Diodes Incorporated AH375 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AH375
SINGLE PHASE HALL EFFECT LATCH
AH375
Document number: DS31172 Rev. 6 - 2
2 of 9
www.diodes.com
July 2010
© Diodes Incorporated
Pin Descriptions
Functional Block Diagram
Regulator
Hall
plate
Amp
2
GND
OUT
3
2
Vdd
1
Absolute Maximum Ratings (TA = 25°C)
Symbol
Characteristics
Values
Unit
Vdd
Supply Voltage
20
V
B
Magnetic Flux Density
Unlimited
VDS
Output OFF Voltage
30
V
Id
Output “On” Current
Continuous
25
mA
TS
Storage Temperature Range
-65~+150
°C
TJ(MAX)
Maximum Junction Temperature
150
°C
PD
Package Power Dissipation
SIP-3L
550
mW
SC59
230
θ
JC
Thermal Resistance
SIP-3L
227
°C/W
SC59
543
Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Max
Unit
Vdd
Supply Voltage (Note 2)
Operating
2.2
20
V
TA
Operating Ambient Temperature
Operating
-40
125
°C
Notes:
2. The output of IC will be switched after the supply voltage is over 2.2V, but the magnetic characteristics won't be normal until the
supply is over 2.5V.
Pin Name
P/I/O
Pin #
Description
Vdd
P
1
Positive Power Supply
GND
P
2
Ground
OUT
O
3
Output Pin



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com