Electronic Components Datasheet Search
  English  ▼

X  

ML9460 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ML9460
Description  Common Driver for Dot Matrix STN Liquid Crystal Display
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9460 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ML9460 Datasheet HTML 1Page - List of Unclassifed Manufacturers ML9460 Datasheet HTML 2Page - List of Unclassifed Manufacturers ML9460 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML9460 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML9460 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML9460 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML9460 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML9460 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML9460 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
FEDL9460-01
LAPIS Semiconductor
ML9460
2/27
2. Pin Description
2.1 Pin Description
Pin
name
I/O Polarity
Descripiton
Initial
value
Handling when
not used
Attribute
Remarks
VDD
—
—
Logic power supply pin
—
—
Power
VSS
—
—
Logic power supply pin
—
—
VSS
V2L
V2R
—
—
Power supply pins for liquid
crystal drive level output.
Selective level.
—
—
Power
V2L and V2R are
connected internally with
each other.
MV2L
MV2R
—
—
Power supply pins for liquid
crystal drive level output.
Selective level.
—
—
Power
MV2L and MV2R are
connected internally with
each other.
VCL
VCR
—
—
Power supply pins for liquid
crystal drive level output.
Nonselective level.
—
—
Power
VCL and VCR are
connected internally with
each other.
YSCL
I
Shift clock input pin. Data
is shifted in on the falling
edge of the shift clock YSCL
of the shift register.
Low
—
CLK
FR
I/O
—
Input-output pin for
alternating signal for liquid
crystal drive output
Low
—
Digital
See Sections 4.1.1,
“Liquid Crystal Drive
Circuit,” and 4.2.1,
“Timing of Connection
with the Segment
Driver.”
FRWS0
FRWS1
FRWS2
FRWS3
FRWS4
I
—
Alternating signal (FR
signal) period setting pins.
Specify the number of lines
with an integer from 2 to 31.
For operation using an
external alternating signal,
set the number of lines to 0.
Tied
High or
Low
—
Digital
See Sections 4.1.4,
“Alternating Signal
Generation Circuit.”
SEL1
SEL2
I
—
Liquid crystal drive output
pin switching pins
Tied
High or
Low
—
Digital
See Sections 4.1.1,
“Liquid Crystal Drive
Circuit,” and 4.1.3,
“Bidirectional Shift
Register.”
DIO1
DIO2
I/O
—
Serial I/O (shift register data
input-output) pins
Tied
High or
Low
—
Digital
See Section 4.1.3,
“Bidirectional Shift
Register.”
FRRES
I
Negative
Pin for initializing the counter
for the alternating signal
generation circuit.
Setting this pin to “L” level
sets initializes the altemating
signal(FR signal) circuit. A
“H” level FRRES is normally
used.
Low
—
Digital
DSPOF
I
Negative
A “L” level on this pin sets
each of the liquid crystal
drive outputs O1–O240 to
the VC level.
No internal register will be
cleared.
Low
—
Digital
DSPMS
I
—
Pin for selecting the method
of processing the DSPOF
signal internally
Tied
High or
Low
—
Digital
See Section 4.1.5,
“Control Circuit.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com