Electronic Components Datasheet Search
  English  ▼

X  

ML9460 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # ML9460
Description  Common Driver for Dot Matrix STN Liquid Crystal Display
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9460 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button ML9460 Datasheet HTML 16Page - List of Unclassifed Manufacturers ML9460 Datasheet HTML 17Page - List of Unclassifed Manufacturers ML9460 Datasheet HTML 18Page - List of Unclassifed Manufacturers ML9460 Datasheet HTML 19Page - List of Unclassifed Manufacturers ML9460 Datasheet HTML 20Page - List of Unclassifed Manufacturers ML9460 Datasheet HTML 21Page - List of Unclassifed Manufacturers ML9460 Datasheet HTML 22Page - List of Unclassifed Manufacturers ML9460 Datasheet HTML 23Page - List of Unclassifed Manufacturers ML9460 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
FEDL9460-01
LAPIS Semiconductor
ML9460
20/27
VDD = 4.5 to 5.5V, VSS = 0V, V2 = 21.5V, VC = 0V, VMV2 =-21.5V, Tj = –30 to +75°C
No.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable pins
1
Clock cycle time
tCYC
—
245
—
—
ns
YSCL
2
YSCL “H” level width
tCWH
—
15
—
—
ns
YSCL
3
YSCL “L” level width
tCWL
—
170
—
—
ns
YSCL
4
YSCL rise time
tr
—
—
—
30
ns
YSCL
5
YSCL fall time
tf
—
—
—
30
ns
YSCL
6
Data setup time
tDS
—
50
—
—
ns
DIO1, DIO2,
YSCL
7
Data hold time
tDH
—
10
—
—
ns
DIO1, DIO2,
YSCL
8
Data output delay time
tDD
(*1)
—
—
150
ns
DIO1, DIO2,
YSCL
9
FR output delay time
tFRD
(*1)
—
—
100
ns
FR, YSCL
10
FR setup time
tFRS
—
15
—
—
ns
FR, YSCL
11
FR hold time
tFRH
—
15
—
—
ns
FR, YSCL
DSPMS = H (*2)
—
—
140
ns
DSPOF, DOC
12
DOC output delay time 1
tDOC1
DSPMS = L (*2)
—
—
1000
ns
DSPOF, DOC
13
DOC output delay time 2
tDOC2
(*2)
—
—
200
ns
DIO1, DIO2, DOC
tpdOFF1
DSPMS = H (*2)
—
—
700
ns
DSPOF, O1 to
O240
14
Common output delay
time from DSPOF fall
tpdOFF2
DSPMS = L (*2)
—
—
2000
ns
DSPOF, O1 to
O240
15
Common output delay
time from DSPOF rise
tpdON1
DSPMS = H (*2)
—
—
700
ns
DSPOF, O1 to
O240
16
Common output delay
time from DIO fall
tpdON2
DSPMS = L (*2)
—
—
700
ns
DIO1, DIO2,
O1 to O240
17
DSPOF “L” level
width(*3)
tDISP
DSPMS = L
100
—
—
ns
DSPOF
18
FRRES “L” level
width(*3)
tFRRES
—
100
—
—
ns
FRRES
Values in the Typ. column are for reference only.
“—” indicates that no particular value is specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com