| Electronic Components Datasheet Search |
|
ML9460 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML9460 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers |
|
8 / 27 page ![]() FEDL9460-01 LAPIS Semiconductor ML9460 8/27 4.2 Timing Diagram 4.2.1 Timing of Connection with the Segment Driver Input signal FR is latched at the rise of input signal YSCL and is propagated to the liquid crystal drive circuit at the next fall of YSCL. The DATA signal that is input from the DIO1 and DIO2 pins is latched at the fall of the YSCL signal and propagated to the liquid crystal drive circuit. The liquid crystal drive signal level (V2, MC, MV2) is determined by the operation between the FR signal propagated to the liquid crystal drive circuit and the DATA signal. When using output of the FR signal through the FR signal generation circuit, connect the FR signal to the FR pin of the ML9461B directly. The FR signal inside of the LSI is processed by delaying it by two YSCL signals for the FR signal output from the common driver. Timing Diagram when the FR pin is configured as input YSCL DATA D1 D2 D3 FR M1 M2 M3 DATA D1 D2 D3 FR M1 M2 M3 Operation between D1 and M1 Operation between D2 and M2 Operation between D3 and M3 Timing Diagram when the FR pin is configured as output YSCL DATA D1 D2 D3 FR M1 M2 M3 DATA D1 D2 D3 FR M1 M2 M3 Operation between D1 and M1 Operation between D2 and M2 Operation between D3 and M3 Input signal O1–O240 pin outputs Liquid crystal drive circuit (LSI internal signal) Input signal O1–O240 pin outputs Output signal Liquid crystal drive circuit (LSI internal signal) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |