Electronic Components Datasheet Search
  English  ▼

X  

RX62T Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # RX62T
Description  Position Control of PMSM with Encoder
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX62T Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button RX62T Datasheet HTML 8Page - Renesas Technology Corp RX62T Datasheet HTML 9Page - Renesas Technology Corp RX62T Datasheet HTML 10Page - Renesas Technology Corp RX62T Datasheet HTML 11Page - Renesas Technology Corp RX62T Datasheet HTML 12Page - Renesas Technology Corp RX62T Datasheet HTML 13Page - Renesas Technology Corp RX62T Datasheet HTML 14Page - Renesas Technology Corp RX62T Datasheet HTML 15Page - Renesas Technology Corp RX62T Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
RX62T
Position Control of PMSM with Encoder
R01AN0899EU0200 Rev. 2.00
Page 12 of 22
Jan. 31, 2014
Voltage
Source
3-phase
Inverter
3-phase
Induction
Motor
θ
*
r
Position PID
Regulator
r
∆
*
q
i
*
d
i
r
id PI
Regulator
iq PI
Regulator
d,q
toβ
α,
)
(
1
θ
−
T
Space
Vector
PWM
a,b,c
to
β
α,
Position and
Speed
Measurement
to
d,q
β
α,
)
(
θ
T
PWM1~6
q
i
d
i
*
q
U
*
d
U
*
α
U
*
β
U
a
i
b
i
d
i
q
i
α
i
β
i
vdc
θ
θ
θ
Encoder/
Hall sensor
Figure 10 Position control scheme diagram
6.2 Position Control Loop Design
The basic components of a typical servo position control system are depicted in Figure 11. In this figure, the servo
position control closes a current loop as described in next section and is modeled simply as a linear transfer function
Gireg(s). Of course the servo drive has peak current limits, so this linear model is not entirely accurate; however it does
provide a reasonable representation for analysis. For the purposes of this discussion the transfer function of the current
regulator or really the torque regulator can be approximated as unity for the relatively lower motion frequencies.
Figure 11 Position PID controller topology
The PMSM is modeled as a lump inertia J, a viscous damping term B, and a torque constant Kt. The lump inertia term is
comprised of both the servomotor and load inertia. It is also assumed that the load is rigidly coupled such that the
torsional rigidity moves the natural mechanical resonance point well out beyond the position controller’s bandwidth. This
assumption allows us to model the total system inertia as the sum of the motor and load inertia for the frequencies that
can be controlled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com