Electronic Components Datasheet Search
  English  ▼

X  

RX62T Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # RX62T
Description  Position Control of PMSM with Encoder
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX62T Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button RX62T Datasheet HTML 10Page - Renesas Technology Corp RX62T Datasheet HTML 11Page - Renesas Technology Corp RX62T Datasheet HTML 12Page - Renesas Technology Corp RX62T Datasheet HTML 13Page - Renesas Technology Corp RX62T Datasheet HTML 14Page - Renesas Technology Corp RX62T Datasheet HTML 15Page - Renesas Technology Corp RX62T Datasheet HTML 16Page - Renesas Technology Corp RX62T Datasheet HTML 17Page - Renesas Technology Corp RX62T Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
RX62T
Position Control of PMSM with Encoder
R01AN0899EU0200 Rev. 2.00
Page 14 of 22
Jan. 31, 2014
The typical current PI controller is depicted in Figure 13. Kp and Ki are the proportional gain and integration gain,
respectively, which can be adjusted by the software. The hardware gain Kb takes into account the bus voltage.
Figure 13 Current PI controller topology
The transfer function of the block diagram is:
+


+
+
+


=
L
K
K
s
L
R
K
K
s
L
K
K
s
L
K
K
s
i
s
i
b
i
b
p
b
i
b
p
2
*
)
(
)
(
It has a characteristic equation in the form of:
0
2
2
0
0
2
=
+
+
ω
ξω s
s
Therefore:
b
p
K
R
L
K
−
=
0
2
ξω
b
i
K
L
K
2
0
ω
=
The system exhibits the standard second order response with the addition of a real zero. To tune the system, the high
frequency of 500Hz needs to be first set for Kp, and then slowly increase the integral term Ki to bring our steady state
error to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com