Electronic Components Datasheet Search
  English  ▼

X  

TL431BCLP Datasheet(PDF) 6 Page - Motorola, Inc

Part # TL431BCLP
Description  PROGRAMMABLE PRECISION REFERENCES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TL431BCLP Datasheet(HTML) 6 Page - Motorola, Inc

Back Button TL431BCLP Datasheet HTML 2Page - Motorola, Inc TL431BCLP Datasheet HTML 3Page - Motorola, Inc TL431BCLP Datasheet HTML 4Page - Motorola, Inc TL431BCLP Datasheet HTML 5Page - Motorola, Inc TL431BCLP Datasheet HTML 6Page - Motorola, Inc TL431BCLP Datasheet HTML 7Page - Motorola, Inc TL431BCLP Datasheet HTML 8Page - Motorola, Inc TL431BCLP Datasheet HTML 9Page - Motorola, Inc TL431BCLP Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TL431, A, B Series
6
MOTOROLA ANALOG IC DEVICE DATA
–55
f, FREQUENCY (MHz)
100
10
1.0
100 k
10 M
1.0 M
1.0 k
10 k
0.1
75
–25
0
25
50
100
125
TA, AMBIENT TEMPERATURE (_C)
0.200
0.220
0.240
0.300
0.320
0.260
0.280
IK
50
–
1.0 k
+
Output
Gnd
Output
Gnd
IK
50
–
1.0 k
+
VKA = Vref
∆ IK = 1.0 mA to 100 mA
f
≤ 1.0 kHz
TA = 25_C
∆ IK = 1.0 mA to 100 mA
f, FREQUENCY (Hz)
40
10
10 k
1.0 k
100
0
20
100 k
60
f, FREQUENCY (MHz)
100 k
0
10 M
1.0 M
–10
10
20
30
60
50
40
1.0 k
10 k
VKA = Vref
IK = 10 mA
TA = 25°C
IK
Output
Input
80
230
Gnd
Output
IK
9.0
µF
8.25 k
15 k
IK = 10 mA
TA = 25_C
–55
0.01
100
10
1.0
0.1
TA, AMBIENT TEMPERATURE (5C)
75
–25
0
25
50
100
125
40
1.0 k
VKA, CATHODE VOLTAGE (V)
30
10
0
–32
–8.0
–16
20
0
–24
R2
Vref
R1
IK
Input
VKA
Input
Ioff
VKA = 36 V
Vref = 0 V
VKA
IK = 10 mA
TA = 25°C
Figure 8. Change in Reference Input
Voltage versus Cathode Voltage
Figure 9. Off–State Cathode Current
versus Ambient Temperature
Figure 10. Dynamic Impedance
versus Frequency
Figure 11. Dynamic Impedance
versus Ambient Temperature
Figure 12. Open–Loop Voltage Gain
versus Frequency
Figure 13. Spectral Noise Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com