Electronic Components Datasheet Search
  English  ▼

X  

TL431BCLP Datasheet(PDF) 9 Page - Motorola, Inc

Part # TL431BCLP
Description  PROGRAMMABLE PRECISION REFERENCES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TL431BCLP Datasheet(HTML) 9 Page - Motorola, Inc

Back Button TL431BCLP Datasheet HTML 5Page - Motorola, Inc TL431BCLP Datasheet HTML 6Page - Motorola, Inc TL431BCLP Datasheet HTML 7Page - Motorola, Inc TL431BCLP Datasheet HTML 8Page - Motorola, Inc TL431BCLP Datasheet HTML 9Page - Motorola, Inc TL431BCLP Datasheet HTML 10Page - Motorola, Inc TL431BCLP Datasheet HTML 11Page - Motorola, Inc TL431BCLP Datasheet HTML 12Page - Motorola, Inc TL431BCLP Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TL431, A, B Series
9
MOTOROLA ANALOG IC DEVICE DATA
Figure 26. Voltage Monitor
Figure 27. Single–Supply Comparator with
Temperature–Compensated Threshold
Vth = Vref
V+
Vout
Vin
R1
R3
V+
Vout
R2
R4
l
L.E.D. indicator is ‘on’ when V+ is between the
upper and lower limits.
Lower Limit
+ 1 ) R1
R2
V
ref
Upper Limit
+ 1 ) R3
R4
V
ref
Vin
Vout
< Vref
V+
> Vref
≈ 2.0 V
Figure 28. Linear Ohmmeter
Figure 29. Simple 400 mW Phono Amplifier
* Thermalloy
* THM 6024
* Heatsink on
* LP Package
*
Tl = 330 to 8.0 Ω
8.0
Ω
+
–
LM11
2.0 mA
25 V
25 V
–5.0 V
Vout
Range
V
1.0 M
Ω
V
100 k
Ω
V
V
1.0 k
Ω
RX
5.0 M
1%
500 k
1%
50 k
1%
5.0 k
1%
47 k
Tone
0.05
µF
470
µF
Volume
1N5305
1.0
µF
TI
360 k
330
56 k
10 k
25 k
38 V
+
10 k
Ω
10 k
Calibrate
Rx + Vout D
W
V
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com