Electronic Components Datasheet Search
  English  ▼

X  

TL431BCLP Datasheet(PDF) 14 Page - Motorola, Inc

Part # TL431BCLP
Description  PROGRAMMABLE PRECISION REFERENCES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TL431BCLP Datasheet(HTML) 14 Page - Motorola, Inc

Back Button TL431BCLP Datasheet HTML 8Page - Motorola, Inc TL431BCLP Datasheet HTML 9Page - Motorola, Inc TL431BCLP Datasheet HTML 10Page - Motorola, Inc TL431BCLP Datasheet HTML 11Page - Motorola, Inc TL431BCLP Datasheet HTML 12Page - Motorola, Inc TL431BCLP Datasheet HTML 13Page - Motorola, Inc TL431BCLP Datasheet HTML 14Page - Motorola, Inc TL431BCLP Datasheet HTML 15Page - Motorola, Inc TL431BCLP Datasheet HTML 16Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
TL431, A, B Series
14
MOTOROLA ANALOG IC DEVICE DATA
D SUFFIX
PLASTIC PACKAGE
CASE 751–06
(SOP–8)
ISSUE T
OUTLINE DIMENSIONS
DM SUFFIX
PLASTIC PACKAGE
CASE 846A–02
(Micro–8)
ISSUE D
S
B
M
0.08 (0.003)
A S
T
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
2.90
3.10
0.114
0.122
B
2.90
3.10
0.114
0.122
C
–––
1.10
–––
0.043
D
0.25
0.40
0.010
0.016
G
0.65 BSC
0.026 BSC
H
0.05
0.15
0.002
0.006
J
0.13
0.23
0.005
0.009
K
4.75
5.05
0.187
0.199
L
0.40
0.70
0.016
0.028
NOTES:
6. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
7. CONTROLLING DIMENSION: MILLIMETER.
8. DIMENSION A DOES NOT INCLUDE MOLD FLASH,
PROTRUSIONS OR GATE BURRS. MOLD FLASH,
PROTRUSIONS OR GATE BURRS SHALL NOT
EXCEED 0.15 (0.006) PER SIDE.
9. DIMENSION B DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSION. INTERLEAD FLASH OR
PROTRUSION SHALL NOT EXCEED 0.25 (0.010)
PER SIDE.
–B–
–A–
D
K
G
PIN 1 ID
8 PL
0.038 (0.0015)
–T–
SEATING
PLANE
C
H
J
L
SEATING
PLANE
1
4
5
8
A
0.25 M CB SS
0.25 M
B M
h
q
C
X 45
_
L
DIM
MIN
MAX
MILLIMETERS
A
1.35
1.75
A1
0.10
0.25
B
0.35
0.49
C
0.19
0.25
D
4.80
5.00
E
1.27 BSC
e
3.80
4.00
H
5.80
6.20
h
0
7
L
0.40
1.25
q
0.25
0.50
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. DIMENSIONS ARE IN MILLIMETER.
3. DIMENSION D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 TOTAL IN EXCESS
OF THE B DIMENSION AT MAXIMUM MATERIAL
CONDITION.
D
E
H
A
B
e
B
A1
C
A
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com