Electronic Components Datasheet Search
  English  ▼

X  

AB01B Datasheet(PDF) 1 Page - Sanken electric

Part # AB01B
Description  High Voltage Fast Recovery Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

AB01B Datasheet(HTML) 1 Page - Sanken electric

  AB01B Datasheet HTML 1Page - Sanken electric AB01B Datasheet HTML 2Page - Sanken electric AB01B Datasheet HTML 3Page - Sanken electric AB01B Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.sanken-ele.co.jp
AB01B
Mar. 2008
High Voltage Fast Recovery Rectifier
The information included herein is believed to be accurate and reliable. However, SANKEN ELECTRIC CO., LTD assumes no
responsibility for its use ; nor for any infringements of patents or other rights of third parties that may result from its use.
Copy Right: SANKEN ELECTRIC CO.,LTD.
Page 1
SANKEN ELECTRIC
General Description
AB01B is a High Voltage (800V) Fast Recovery Diode.
It is possible to high-speed rectify it though it is a high
voltage.
Package
Applications
●DC-DC converters
●Snubber circuits
●High frequency rectification circuit
Features
●High Voltage 800Vguarantee
●Super-high speed & low noise switching.
Key Specifications
Symbol
Unit
Rating
Conditions
V
RM
V
800
V
F
V
2.0
I
F=0.5A
I
F(AV)
A
0.5
trr
ns
200
Typical Characteristics
AB01B IF-VF Characteristics
0.001
0.01
0.1
1
10
00.5
11.5
22.5
3
VF (V)
25℃
100℃
150℃
AB01B VR-IR Characteristics
1.0E-09
1.0E-08
1.0E-07
1.0E-06
1.0E-05
1.0E-04
0
100
200
300
400
500
600
700
800
VR (V)
25℃
100℃
150℃


Similar Part No. - AB01B

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AB01B SANKEN-AB01B Datasheet
235Kb / 4P
High Voltage Fast Recovery Rectifier
More results

Similar Description - AB01B

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
R1200F GOOD-ARK-R1200F Datasheet
39Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
SHM15F SSDI-SHM15F_1 Datasheet
86Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Frontier Electronics.
FR02-25 FRONTIER-FR02-25 Datasheet
129Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
FV5M-04 FRONTIER-FV5M-04 Datasheet
116Kb / 1P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
FV5M-04-LFR FRONTIER-FV5M-04-LFR Datasheet
122Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Shenzhen Luguang Electr...
R1200F LUGUANG-R1200F Datasheet
246Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
RC0100 SSDI-RC0100_15 Datasheet
30Kb / 1P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Frontier Electronics.
FR05-10 FRONTIER-FR05-10_16 Datasheet
1Mb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
GP05-10 FRONTIER-GP05-10_16 Datasheet
1Mb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
logo
Rectron Semiconductor
HFM1600 RECTRON-HFM1600 Datasheet
102Kb / 5P
HIGH VOLTAGE FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com