Electronic Components Datasheet Search
  English  ▼

X  

AB01B Datasheet(PDF) 3 Page - Sanken electric

Part # AB01B
Description  High Voltage Fast Recovery Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

AB01B Datasheet(HTML) 3 Page - Sanken electric

  AB01B Datasheet HTML 1Page - Sanken electric AB01B Datasheet HTML 2Page - Sanken electric AB01B Datasheet HTML 3Page - Sanken electric AB01B Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
http://www.sanken-ele.co.jp
AB01B
Mar. 2008
High Voltage Fast Recovery Rectifier
Copy Right: SANKEN ELECTRIC CO.,LTD.
Page 3
SANKEN ELECTRIC
Characteristics
Reverse Voltage VR (V)
Forward Power Dissipation
Average Forward Current IF(AV) (A)
Reverse Power Dissipation
Current Derating
Lead temperature Tl (°C)
VR=800V
DC
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
0.1
0.2
0.3
0.4
0.5
Tj=150℃
t
T
t/T=1/6
t/T=1/3,sinewave
t/T=1/2
DC
0.0
0.1
0.2
0
100
200
300
400
500
600
700
800
Tj=150℃
t
T
1-t/T=5/6
1-t/T=1/2
sinewave
1-t/T=2/3
0.0
0.1
0.2
0.3
0.4
0.5
100
110
120
130
140
150
Tj=150℃
t
T
t/T=1/6
t/T=1/3
t/T=1/2
DC
sinewave



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com