Electronic Components Datasheet Search
  English  ▼

X  

AB01B Datasheet(PDF) 2 Page - Sanken electric

Part # AB01B
Description  High Voltage Fast Recovery Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

AB01B Datasheet(HTML) 2 Page - Sanken electric

  AB01B Datasheet HTML 1Page - Sanken electric AB01B Datasheet HTML 2Page - Sanken electric AB01B Datasheet HTML 3Page - Sanken electric AB01B Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.sanken-ele.co.jp
AB01B
Mar. 2008
High Voltage Fast Recovery Rectifier
The information included herein is believed to be accurate and reliable. However, SANKEN ELECTRIC CO., LTD assumes no
responsibility for its use ; nor for any infringements of patents or other rights of third parties that may result from its use.
Copy Right: SANKEN ELECTRIC CO.,LTD.
Page 2
SANKEN ELECTRIC
Absolute maximum ratings
No.
Parameter
Symbol
Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
800
2
Peak Reverse Voltage
VRM
V
800
3
Average Forward Current
IF(AV)
A
0.5
4
Peak Surge Forward Current
IFSM
A
10
Half sinewave, one shot
5
I2t Limiting Value
I2t
A2s
0.5
1msec<t<10msec
6
Junction Temperature
Tj
°C
-40 to +150
7
Storage Temperature
Tstg
°C
-40 to +150
Electrical characteristics (Ta=25
°C, unless otherwise specified)
No.
Parameter
Symbol
Unit
Rating
Conditions
1
Forward Voltage Drop
VF
V
2.0 max.
IF=0.5A
2
Reverse Leakage Current
IR
uA
10 max.
VR=VRM
3
Reverse
Leakage
Current
Under High Temperature
H•IR
uA
200 max.
VR=VRM, Tj=150°C
trr1
ns
200 max.
IF=IRP=100mA
90% Recovery point, Tj=25°C
4
Reverse Recovery Time
trr2
ns
80 max.
IF=100mA,IRP=200mA
75% Recovery point, Tj=25°C
5
Thermal Resistance
Rth(j-c)
°C /W
22 max.
Between Junction and case



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com