Electronic Components Datasheet Search
  English  ▼

X  

P1583 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # P1583
Description  380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1583 Datasheet(HTML) 2 Page - Unisonic Technologies

  P1583 Datasheet HTML 1Page - Unisonic Technologies P1583 Datasheet HTML 2Page - Unisonic Technologies P1583 Datasheet HTML 3Page - Unisonic Technologies P1583 Datasheet HTML 4Page - Unisonic Technologies P1583 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P1583
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R103-071.a
PIN CONFIGURATION
1
SW
EN
COMP
FB
2
3
4
5
6
7
8 SS
BS
GND
GND
IN
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
BS
Supply pin to the power transistor driver.
2
IN
Power supply pin.
3
SW
Power switch output pin.
4
GND
Ground pin.
5
FB
The output voltage feedback pin. It is also the inverting input of the error amplifier.
6
COMP
Compensation pin.
7
EN
Regulator On/Off control pin.
8
SS
Soft start control input.
BLOCK DIAGRAM
+
-
+
-
+
-
+
S
R
Q
+
Reference
40K-380KHz
Slope COMP
IN
BS
GND
COMP
FB
EN
SS
Slope COMP
Slope COMP
SW
PWM
EA
Driver
Power
Transistor
Rsense
Current Sense
1.22V
UVLO
OTP
UVLO
UVLO
7
2
6
5
8
4
3
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com