Electronic Components Datasheet Search
  English  ▼

X  

P1583 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # P1583
Description  380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1583 Datasheet(HTML) 1 Page - Unisonic Technologies

  P1583 Datasheet HTML 1Page - Unisonic Technologies P1583 Datasheet HTML 2Page - Unisonic Technologies P1583 Datasheet HTML 3Page - Unisonic Technologies P1583 Datasheet HTML 4Page - Unisonic Technologies P1583 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
P1583
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R103-071.a
380KHz, 2.5A STEP-DOWN
SWITCHING REGULATOR
DESCRIPTION
The UTC P1583 is a fixed 380kHz frequency, current mode, PWM
controller. It achieves 2.5A continuous output current over a wide input
supply range with excellent load and line regulation. Equipped with an
external compensation pin, this device offers user flexibility in determining
loop dynamic.
The UTC P1583 integrates controls, monitoring and protection functions
into a single 8-pin package to provide a low cost and perfect power
solution. The device provides wide 4 to 24V operating input range, also
highly efficient with peak operating efficiency at 90%.
An Under-Voltage-Lock-Output (UVLO) circuit monitors the Vin supply
voltage to prevent wrong logic controls. An internal 1.222V reference
provides low output voltage down to 1.22V for further applications. An
internal soft-start prevents the output voltage from overshoot as well as
limiting the input current. The controller’s over-current protection monitors
the output current by using the voltage drop across a current sensing
resistor. Additional under voltage protections monitor the voltage on FB pin
for short-circuit protections.
The UTC P1583 provides fast transient respond and requires very few
external devices for operation.
FEATURES
* 2.5A output current
* 380kHz frequency of operation
* 4V to 24V input voltage range
* 25μA shutdown supply current
* Output adjustable from 1.22 to 21V
* Frequency foldback at short circuit
* Thermal shutdown
* Under voltage lock output
* Current mode with low ESR output ceramic capacitors
* Up to 90% efficiency
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
P1583L-SH2-R
P1583G-SH2-R
HSOP-8
Tape Reel


Similar Part No. - P1583

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P158-000 TRIPPLITE-P158-000 Datasheet
162Kb / 2P
Compact/Slimline VGA Video Gender Changer (HD15 M/M)
logo
List of Unclassifed Man...
P158-100A-C2A ETC2-P158-100A-C2A Datasheet
876Kb / 2P
Refrigeration Pressure Transducers
P158-4 ETC2-P158-4 Datasheet
104Kb / 1P
VHF Lowband Yagis - Superior Construction Means System Reliability
P158-4 ETC2-P158-4 Datasheet
104Kb / 1P
VHF Lowband Yagis - Superior Construction Means System Reliability
logo
Unisonic Technologies
P1580 UTC-P1580 Datasheet
283Kb / 6P
380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
More results

Similar Description - P1583

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5973D STMICROELECTRONICS-L5973D Datasheet
130Kb / 10P
2.5A SWITCH STEP DOWN SWITCHING REGULATOR
May-2003
logo
National Semiconductor ...
LM25005 NSC-LM25005 Datasheet
760Kb / 21P
42V, 2.5A STEP-DOWN SWITCHING REGULATOR
logo
Anpec Electronics Corop...
APW1172 ANPEC-APW1172 Datasheet
444Kb / 21P
2.5A SWITCH STEP DOWN SWITCHING REGULATOR
logo
National Semiconductor ...
LM25005 NSC-LM25005_06 Datasheet
414Kb / 22P
42V, 2.5A Step-Down Switching Regulator
logo
Unisonic Technologies
P1580 UTC-P1580 Datasheet
283Kb / 6P
380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
P2583 UTC-P2583 Datasheet
190Kb / 6P
380KHz, 3A STEP-DOWN SWITCHING REGULATOR
logo
Monolithic Power System...
MP2120 MPS-MP2120 Datasheet
367Kb / 11P
2.5A, 5.5V Synchronous Step-Down Switching Regulator
logo
Texas Instruments
LM25005 TI-LM25005_15 Datasheet
949Kb / 28P
LM25005 42V, 2.5A Step-Down Switching Regulator
logo
Unisonic Technologies
P2583 UTC-P2583_12 Datasheet
182Kb / 6P
380KHz, 3A STEP-DOWN SWITCHING REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1482C HMSEMI-HM1482C Datasheet
1Mb / 14P
30V,2.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com