Electronic Components Datasheet Search
  English  ▼

X  

P1583 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # P1583
Description  380KHz, 2.5A STEP-DOWN SWITCHING REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

P1583 Datasheet(HTML) 3 Page - Unisonic Technologies

  P1583 Datasheet HTML 1Page - Unisonic Technologies P1583 Datasheet HTML 2Page - Unisonic Technologies P1583 Datasheet HTML 3Page - Unisonic Technologies P1583 Datasheet HTML 4Page - Unisonic Technologies P1583 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P1583
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R103-071.a
ABSOLUTE MAXIMUM RATING (Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
28
V
Switch Voltage
VSW
-1~VIN+1
V
Boost Voltage
VBS
VSW+6
V
Feedback Voltage
VFB
-0.3~6
V
Enable/UVLO Voltage
VEN
-0.3~6
V
Comp Voltage
VCOMP
-0.3~6
V
Sync Voltage
VSYNC
-0.3~6
V
Junction Temperature
TJ
150
°C
Lead Temperature
TL
260
°C
Storage Temperature
TSTG
-65~+150
°C
Notes:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
4~24
V
Ambient Operating Temperature
TA
-40~+125
°C
Note: 1. The device is not guaranteed to function outside its operating rating.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance
θJA
105
°C/W
Thermal Resistance
θJC
50
°C/W
Note: 1. Measured on approximately 1” square of 1 oz. Copper surrounding device leads.
ELECTRICAL CHARACTERISTICS (Unless otherwise specified VIN=12V, TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Feedback Voltage
VFB
4.75V≤VIN≤25V,
VCOMP<2V
1.198
1.222
1.246
V
Upper Switch Leakage
ILEAK
VEN=0V, VSW =0V
0
10
µA
Current Limit
ILIMIT
2.4
3.0
3.6
A
Current Limit Gain.
Output Current to Comp Pin Voltage
2.5
A/V
Oscillator Frequency
FOSC
342
380
418
KHZ
Short Circuit Frequency
FOSC_SHORT VFB=0V
20
40
KHZ
Maximum Duty Cycle
DMAX
VFB=1.0V
90
95
%
Minimum Duty Cycle
DMIN
VFB=1.5V
0
%
Enable Threshold
VEN
ICC>100μA
1.0
1.3
V
Enable Pull Up Current
IUP
VEN=0V
0.7
µA
Under Voltage Lockout Threshold Rising
1.2
V
Supply Current (Shutdown)
ISD
VEN≤0.4V
23
36
µA
Supply Current (Quiescent)
IQ
VEN≥2.6V; VFB=1.4V
1.5
2
mA
Collector-Emitter Saturation Voltage
VCESAT
IOUT=2A
400
600
mV
Thermal Shutdown
160
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com