Electronic Components Datasheet Search
  English  ▼

X  

LMH6643MA Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6643MA
Description  Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6643MA Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH6643MA Datasheet HTML 1Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 2Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 3Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 4Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 5Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 6Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 7Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 8Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
AV = +1
AV = +5
AV = +10
AV = +2
10k
100k
1M
10M
100M 500M
-3
-2
-1
0
+1
+2
+3
FREQUENCY (Hz)
VS = ±1.5V
RL = 2k
VOUT = 0.2VPP
100k
1M
10M
200M
FREQUENCY (Hz)
4.0
2.0
AV = +2
RF = RL = 2k
±5V
4VPP
±2.5V
2VPP
6.0
8.0
0.0
LMH6642, LMH6643, LMH6644
SNOS966P – MAY 2001 – REVISED MARCH 2013
www.ti.com
Closed Loop Gain vs. Frequency for Various Gain
Large Signal Frequency Response
Figure 1.
Figure 2.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance
2KV (3)
200V (4)
1000V (5)
VIN Differential
±2.5V
Output Short Circuit Duration
See (6), (7)
Supply Voltage (V+ - V−)
13.5V
Voltage at Input/Output pins
V+ +0.8V, V−
−0.8V
Input Current
±10mA
Storage Temperature Range
−65°C to +150°C
Junction Temperature (8)
+150°C
Soldering Information
Infrared or Convection Reflow (20 sec)
235°C
Wave Soldering Lead Temp.(10 sec)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
Human body model, 1.5k
Ω in series with 100pF.
(4)
Machine Model, 0
Ω in series with 200pF.
(5)
CDM: Charge Device Model
(6)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C.
(7)
Output short circuit duration is infinite for VS < 6V at room temperature and below. For VS > 6V, allowable short circuit duration is 1.5ms.
(8)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA)/ θJA . All numbers apply for packages soldered directly onto a PC board.
2
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LMH6642 LMH6643 LMH6644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com