Electronic Components Datasheet Search
  English  ▼

X  

LMH6643MA Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6643MA
Description  Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6643MA Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMH6643MA Datasheet HTML 3Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 4Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 5Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 6Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 7Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 8Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 9Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 10Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
OUT B
1
2
3
4
5
6
7
8
OUT A
-IN A
+IN A
V
-
V
+
-IN B
+IN B
-
+
+
-
A
B
V
+
1
2
3
4
5
6
7
8
N/C
-IN
+IN
V
-
OUTPUT
N/C
N/C
+
-
OUTPUT
V
-
+IN
V
+
-IN
+
-
1
2
3
5
4
LMH6642, LMH6643, LMH6644
www.ti.com
SNOS966P – MAY 2001 – REVISED MARCH 2013
±5V Electrical Characteristics (continued)
Unless otherwise specified, all limits guaranteed for at TJ = 25°C, V
+ = 5V, V− = −5V, V
CM = VO = 0V, VID (input differential
voltage) as noted (where applicable) and RL = 2kΩ to ground. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(1)
(2)
(1)
ISC
Output Short Circuit Current
Sourcing to Ground
60
115
VID = 200mV
(6) (7)
35
mA
Sinking to Ground
85
145
VID = −200mV
(6) (7)
65
IOUT
Output Current
VO = 0.5V from either supply
±75
mA
PSRR
Power Supply Rejection Ratio
(V+, V−) = (4.5V,
−4.5V) to (5.5V,
78
90
dB
−5.5V)
IS
Supply Current (per channel)
No Load
2.70
4.50
mA
5.50
(6)
Short circuit test is a momentary test. See Note 7.
(7)
Output short circuit duration is infinite for VS < 6V at room temperature and below. For VS > 6V, allowable short circuit duration is 1.5ms.
Connection Diagram
Figure 3. 5-Pin SOT-23 (LMH6642)
Figure 4. 8-Pin SOIC (LMH6642)
Top View
Top View
Package Number DBV0005A
Package Number D0008A
Figure 5. SOIC and VSSOP 8-Pin
Figure 6. 14-Pin SOIC and 14-Pin TSSOP
(LMH6643)
(LMH6644)
Top View
Top View
Package Number DGK0008A
Package Numbers D0014A, PW0014A
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6642 LMH6643 LMH6644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com