Electronic Components Datasheet Search
  English  ▼

X  

LMH6643MA Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6643MA
Description  Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6643MA Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMH6643MA Datasheet HTML 5Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 6Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 7Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 8Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 9Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 10Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 11Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 12Page - National Semiconductor (TI) LMH6643MA Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
100k
1M
10M
100M
FREQUENCY (Hz)
0
1
2
3
VS = 3V
AV = -1
RL = 2k
RL = 100:
100K
1M
10M
100M
FREQUENCY (Hz)
0
1
2
3
4
5
VS = 5V
AV = -1
Rf = 2k
RL = 2K to VS/2
100K
1M
10M
200M
FREQUENCY (Hz)
-0.1
+0.1
0
VO = 0.4VPP
AV = +2
RF = 806:
RL = 150:
±5V
±2.5V
±1.5V
+0.2
+0.3
-155
-65
-20
+25
±1.5V
±2.5V
±5V
GAIN
PHASE
-110
100K
1M
10M
200M
FREQUENCY (Hz)
0
2
4
6
±5V
±1.5V
±2.5V
VO = 0.4VPP
AV = +2
RF = 806:
RL 150:
100k
1M
10M
200M
FREQUENCY (Hz)
4.0
2.0
AV = +2
RF = RL = 2k
±5V
4VPP
±2.5V
2VPP
6.0
8.0
0.0
100k
1M
10M
200M
FREQUENCY (Hz)
4.0
2.0
VO = 0.2VPP
AV = +2
RF = RL = 2k
±5
V
±2.5V
±1.5V
6.0
8.0
0.0
LMH6642, LMH6643, LMH6644
www.ti.com
SNOS966P – MAY 2001 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
At TJ = 25°C, V
+ = +5, V− = −5V, R
F = RL = 2kΩ. Unless otherwise specified.
Closed Loop Small Signal Frequency Response for Various
Large Signal Frequency Response
Supplies
Figure 13.
Figure 14.
Closed Loop Frequency Response for Various Supplies
±0.1dB Gain Flatness for Various Supplies
Figure 15.
Figure 16.
VOUT (VPP) for THD < 0.5%
VOUT (VPP) for THD < 0.5%
Figure 17.
Figure 18.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH6642 LMH6643 LMH6644



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com