Electronic Components Datasheet Search
  English  ▼

X  

OPA890 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA890
Description  Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA890 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button OPA890 Datasheet HTML 3Page - National Semiconductor (TI) OPA890 Datasheet HTML 4Page - National Semiconductor (TI) OPA890 Datasheet HTML 5Page - National Semiconductor (TI) OPA890 Datasheet HTML 6Page - National Semiconductor (TI) OPA890 Datasheet HTML 7Page - National Semiconductor (TI) OPA890 Datasheet HTML 8Page - National Semiconductor (TI) OPA890 Datasheet HTML 9Page - National Semiconductor (TI) OPA890 Datasheet HTML 10Page - National Semiconductor (TI) OPA890 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
9
6
3
0
-3
-6
-9
Frequency(MHz)
1
10
100
400
R
L =200W
G=+2V/V
4V
PP
7V
PP
1V
PP
2V
PP
3
0
-3
-6
-9
-12
-15
-18
Frequency(MHz)
1
10
100
600
V =0.1V
O
PP
G=+1V/V
R =0
F
W
G=+2V/V
G=+5V/V
G=+10V/V
400
300
200
100
0
-100
-200
-300
-400
Time(10ns/div)
V
O
PP
=0.5V
G=+2V/V
3
2
1
0
-1
-2
-3
Time(10ns/div)
V
O
PP
=5V
G=+2V/V
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
Numberof150
Loads
W
0.40
0.36
0.32
0.28
0.24
0.20
0.16
0.12
0.08
0.04
0
1
2
3
4
-dP
-dG
+dP
+dG
-45
-50
-55
-60
-65
-70
-75
-80
-85
-90
Frequency(MHz)
1
10
100
V
=0V
InputReferred
DIS
OPA890
www.ti.com
SBOS369B – MAY 2007 – REVISED DECEMBER 2009
TYPICAL CHARACTERISTICS: VS = ±5V
At TA = +25°C, G = +2V/V, RF = 750Ω, and RL = 200Ω, unless otherwise noted.
SMALL-SIGNAL FREQUENCY RESPONSE
LARGE-SIGNAL FREQUENCY RESPONSE
Figure 1.
Figure 2.
SMALL-SIGNAL PULSE RESPONSE
LARGE-SIGNAL PULSE RESPONSE
Figure 3.
Figure 4.
VIDEO DIFFERENTIAL GAIN/DIFFERENTIAL PHASE
DISABLE FEEDTHROUGH
Figure 5.
Figure 6.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com