Electronic Components Datasheet Search
  English  ▼

X  

OPA890 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA890
Description  Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA890 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button OPA890 Datasheet HTML 13Page - National Semiconductor (TI) OPA890 Datasheet HTML 14Page - National Semiconductor (TI) OPA890 Datasheet HTML 15Page - National Semiconductor (TI) OPA890 Datasheet HTML 16Page - National Semiconductor (TI) OPA890 Datasheet HTML 17Page - National Semiconductor (TI) OPA890 Datasheet HTML 18Page - National Semiconductor (TI) OPA890 Datasheet HTML 19Page - National Semiconductor (TI) OPA890 Datasheet HTML 20Page - National Semiconductor (TI) OPA890 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
1
2pR
FCF
+
GBP
4pR
FCD
f
*3dB +
GBP
2pR
FCD
OPA890
www.ti.com
SBOS369B – MAY 2007 – REVISED DECEMBER 2009
Driving a light load, the OPA890 can output ±4V over
Notice that most of the error occurs mainly at the first
±5V supplies. Setting the reference voltage to –5V
codes (0, 1, 2); excluding these codes from the
results in an output voltage swing from 0V to 5V. In
analysis
yields
the
following
results,
shown
in
order to optimize the OPA2890 operation for this
Table 1.
application, the supply voltages have been adjusted
so that the output voltage swing is balanced around
Table 1. DC Accuracy vs Code
mid-supply of the amplifier. Note that as a result of
TOTAL ERROR DUE TO
the internal architecture of the multiplying DAC, the
CODES
VOS and IB
IOUT1 output is not high impedance. The IOUT1 output
All codes
3.9LSB
resistance is between 4.5k
Ω and 22.1kΩ (excluding
Excluding code 0
2.5LSB
code 000h) for a 10k
Ω nominal VREF input resistance.
Excluding codes 0 and 1
2LSB
IOUT1 output resistance changes are directly related to
the code change. This low impedance has multiple
Excluding codes 0, 1, and 2
1.83LSB
effects when a bipolar technology amplifier is used.
Note that 1LSB = 1.221mV in the example shown in
Some of these effects are:
Figure 48
•
The noise gain of the amplifier changes for each
If more precision is required while maintaining the ac
code.
performance, a FET-input amplifier (such as the
•
The output offset voltage of the amplifier changes
OPA656 or the THS4631) is a good alternative.
for each code, because of the input offset voltage.
Figure
48
shows
a
single-ended
output
drive
•
The input bias current cannot be cancelled. The
implementation. In this circuit, only one side of the
effects of the input bias current can be reduced,
complementary output drive signal is used. A dual
but not eliminated, thereby affecting the total
amplifier, such as the OPA2890, provides both output
output offset voltage of the amplifier with each
drivers for the DAC7822. If even lower quiescent
code.
current is needed, the OPA2889 can be used instead,
•
The noninverting pin of the amplifier must be tied
with minor modifications. The diagram shows the
to ground and cannot be used to create a dc
signal output current connected into the virtual ground
offset on the output amplifier, as is the case for
summing junction of the OPA890, which is set up as
the transimpedance amplifier.
a transimpedance stage or I-V converter. The unused
The following analysis excludes the input offset
current output of the DAC is connected to ground.
current.
The dc gain for this circuit is equal to RF. At high
frequencies, the DAC output capacitance produces a
The total output offset voltage variations because of
zero in the noise gain for the OPA890 that may cause
code changing in the DAC can be expressed as:
peaking in the closed-loop frequency response. CF is
ΔVOSO = +ΔNG {[(RF
ROUT1) – RS] + VOS}
added across RF to compensate for this noise gain
peaking. To achieve a flat transimpedance frequency
Where:
response, the pole in the feedback network should be
4.5k
Ω ≤ ROUT1 ≤ 22.1kΩ
set to:
RF = 10kΩ
Using the previous values, the variation of the parallel
(2)
combination of RF and ROUT1 can be constrained to:
4.19k
Ω ≤ (RF
ROUT1) ≤ 6.88kΩ. In order to optimize
which
gives
a
closed-loop
transimpedance
the bias current cancellation, we select RS to be the
bandwidth, f–3dB, of approximately:
average of those limiting numbers, or RS = (6.88kΩ +
4.19k
Ω)/2 = 5.56kΩ.
(3)
Looking at the variation for each code, the total error
(when including all codes) is ~3.9LSB for the
Using the DAC7822 internal output capacitance of
OPA890.
25pF gives a feedback capacitance (CF) of 2.5pF and
an 8.8MHz bandwidth.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): OPA890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com