Electronic Components Datasheet Search
  English  ▼

X  

OPA890 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA890
Description  Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA890 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button OPA890 Datasheet HTML 7Page - National Semiconductor (TI) OPA890 Datasheet HTML 8Page - National Semiconductor (TI) OPA890 Datasheet HTML 9Page - National Semiconductor (TI) OPA890 Datasheet HTML 10Page - National Semiconductor (TI) OPA890 Datasheet HTML 11Page - National Semiconductor (TI) OPA890 Datasheet HTML 12Page - National Semiconductor (TI) OPA890 Datasheet HTML 13Page - National Semiconductor (TI) OPA890 Datasheet HTML 14Page - National Semiconductor (TI) OPA890 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
3
0
-3
-6
-9
-12
-15
-18
Frequency(MHz)
1
10
100
300
R =750
F
W
R =400
L
W
G =10V/V
D
G =1V/V
D
G =2V/V
D
G =5V/V
D
9
6
3
0
-3
-6
-9
Frequency(MHz)
1
10
100
300
G =5V
D
PP
G =14V
D
PP
G =8V
D
PP
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
Frequency(MHz)
1
10
20
R =400W
L
G =2V/V
D
2ndHarmonic
3rdHarmonic
-70
-75
-80
-85
-90
-95
-100
-105
-110
-115
-120
LoadResistance( )
W
100
1k
V =4V
O
PP
f=1MHz
G =2V/V
D
3rdHarmonic
2ndHarmonic
-75
-80
-85
-90
-95
-100
-105
-110
OutputVoltage(V )
PP
0.1
1
10
R
W
L =400
f=1MHz
G =2V/V
D
2ndHarmonic
3rdHarmonic
OPA890
www.ti.com
SBOS369B – MAY 2007 – REVISED DECEMBER 2009
TYPICAL CHARACTERISTICS: VS = ±5V, Differential
At TA = +25°C, Differential Gain = +2V/V, RF = 750Ω, and RL = 400Ω, unless otherwise noted.
DIFFERENTIAL SMALL-SIGNAL FREQUENCY RESPONSE
DIFFERENTIAL LARGE-SIGNAL FREQUENCY RESPONSE
Figure 25.
Figure 26.
DIFFERENTIAL DISTORTION vs LOAD RESISTANCE
DIFFERENTIAL DISTORTION vs FREQUENCY
Figure 27.
Figure 28.
DIFFERENTIAL DISTORTION vs OUTPUT VOLTAGE
Figure 29.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): OPA890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com