Electronic Components Datasheet Search
  English  ▼

X  

OPA890IDBVT Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA890IDBVT
Description  Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA890IDBVT Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button OPA890IDBVT Datasheet HTML 12Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 13Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 14Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 15Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 16Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 17Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 18Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 19Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
OPA890
5.56kW
½
DAC7822
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
V
R
R
I
I
R
R
R
REF
1
FB
OUT1
OUT2
2
2_3
3
GND
V
DD
+5V
2.5pF
+7.5V
-
2.5V
V
OUT
0V
V
5V
£
£
OUT
0.1 F
m
-
5V
OPA890
+5V
+V
S
DIS
V /2
S
698W
100W
V
O
V
I
50W
59W
698W
0.1 F
m
0.1 F
m
+
6.8 F
m
0.1 F
m
R
G
750W
R
F
750W
50
Source
W
83
77
71
65
59
53
47
41
Frequency(Hz)
100k
1M
10M
100M
OPA890
SBOS369B – MAY 2007 – REVISED DECEMBER 2009
www.ti.com
The frequency response of the schematic shown in
Figure 48 is shown in Figure 49.
Figure 48. DAC Transimpedance Amplifier
Figure 47. AC-Coupled, G = +2, Single-Supply,
Specification and Test Circuit
Again, an additional resistor (50
Ω, in this case) is
included directly in series with the noninverting input.
This minimum recommended value provides part of
the
dc
source
resistance
matching
for
the
noninverting input bias current. It is also used to form
a simple parasitic pole to roll off the frequency
response at very high frequencies ( > 500MHz) using
the input parasitic capacitance to form a bandlimiting
pole. The gain resistor (RG) is ac-coupled, giving the
circuit a dc gain of +1, which puts the input dc bias
voltage (2.5V) at the output as well. The voltage can
swing to within 1.35V of either supply pin. Driving a
demanding 100
Ω load to a midpoint bias is used in
Figure 49. OPA890 (as DAC Transimpedance
this
characterization
circuit.
Higher
swings
are
Amplifier) Frequency Response
possible using a lighter load.
MULTIPLYING DAC SINGLE-ENDED OUTPUT
TRANSIMPEDANCE AMPLIFIER
Multiplying digital-to-analog converters (DACs), such
as the DAC7822, can make good use of the
low-power, high slew rate amplifier, OPA890.
16
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): OPA890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com