Electronic Components Datasheet Search
  English  ▼

X  

OPA890IDBVT Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA890IDBVT
Description  Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA890IDBVT Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button OPA890IDBVT Datasheet HTML 10Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 11Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 12Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 13Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 14Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 15Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 16Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 17Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
6
3
0
3
6
9
12
15
18
-
-
-
-
-
-
1
10
100
200
Frequency(MHz)
R =750
R =400
W
W
F
L
G =5V/V
D
G =2V/V
D
G =1V/V
R =0
D
F
W
G =10V/V
D
9
6
3
0
3
6
9
-
-
-
1
10
100
300
Frequency(MHz)
1V
PP
4V
PP
-70
75
80
85
90
95
100
105
110
115
120
125
-
-
-
-
-
-
-
-
-
-
-
100
1k
LoadResistance( )
W
2ndHarmonic
3rdHarmonic
V =4V
f=1MHz
G =2V/V
O
PP
D
-
-
-
-
-
-
-
-
40
50
60
70
80
90
100
110
120
-
1
10
Frequency(MHz)
2ndHarmonic
3rdHarmonic
R =400
f=1MHz
G =2V/V
W
L
D
-
-
-
-
-
-
-
60
70
80
90
100
110
120
130
-
0.1
1
10
OutputVoltageSwing(V )
PP
2ndHarmonic
3rdHarmonic
OPA890
SBOS369B – MAY 2007 – REVISED DECEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS: VS = +5V, Differential
At TA = +25°C, Differential Gain = +2V/V, RF = 750Ω, and RL = 400Ω, unless otherwise noted.
DIFFERENTIAL SMALL-SIGNAL FREQUENCY RESPONSE
DIFFERENTIAL LARGE-SIGNAL FREQUENCY RESPONSE
Figure 41.
Figure 42.
DIFFERENTIAL DISTORTION vs LOAD RESISTANCE
DIFFERENTIAL DISTORTION vs FREQUENCY
Figure 43.
Figure 44.
DIFFERENTIAL DISTORTION vs OUTPUT VOLTAGE
Figure 45.
14
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): OPA890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com