Electronic Components Datasheet Search
  English  ▼

X  

OPA890IDBVT Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA890IDBVT
Description  Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA890IDBVT Datasheet(HTML) 1 Page - National Semiconductor (TI)

  OPA890IDBVT Datasheet HTML 1Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 2Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 3Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 4Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 5Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 6Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 7Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 8Page - National Semiconductor (TI) OPA890IDBVT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
OPA890
5.56kW
½
DAC7822
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
V
R
R
I
I
R
R
R
REF
1
FB
OUT1
OUT2
2
2_3
3
GND
V
DD
+5V
2.5pF
+7.5V
-
2.5V
V
OUT
0V
V
5V
£
£
OUT
0.1 F
m
-
5V
OPA890
www.ti.com
SBOS369B – MAY 2007 – REVISED DECEMBER 2009
Low-Power, Wideband, Voltage-Feedback
OPERATIONAL AMPLIFIER with Disable
Check for Samples: OPA890
1
FEATURES
DESCRIPTION
2
•
FLEXIBLE SUPPLY RANGE:
The OPA890 represents a major step forward in
+3V to +12V Single Supply
unity-gain stable, voltage-feedback op amps. A new
±1.5V to ±6V Dual Supplies
internal architecture provides slew rate and full-power
•
UNITY-GAIN STABLE
bandwidth
previously
found
only
in
wideband,
•
WIDEBAND +5V OPERATION: 115MHz
current-feedback op amps. These capabilities provide
(G = +2V/V)
exceptional full power bandwidth. Using a single +5V
supply, the OPA890 can deliver a 1V to 4V output
•
OUTPUT VOLTAGE SWING: ±4V
swing with over 35mA drive current and 220MHz
•
HIGH SLEW RATE: 500V/
μs
bandwidth. This combination of features makes the
•
LOW QUIESCENT CURRENT: 1.1mA
OPA890 an ideal RGB line driver or single-supply
analog-to-digital converter (ADC) input driver.
•
LOW DISABLE CURRENT: 30
μA
The low 1.1mA supply current of the OPA890 is
APPLICATIONS
precisely trimmed at +25°C. This trim, along with low
•
VIDEO LINE DRIVING
temperature drift, ensures lower maximum supply
current than competing products. System power may
•
xDSL LINE DRIVERS/RECEIVERS
be reduced further using the optional disable control
•
HIGH-SPEED IMAGING CHANNELS
pin. Leaving this disable pin open, or holding it HIGH,
•
ADC BUFFERS
operates the OPA890 normally. If pulled LOW, the
•
PORTABLE INSTRUMENTS
OPA890 supply current drops to less than 30
μA while
the output goes into a high-impedance state.
•
TRANSIMPEDANCE AMPLIFIERS
•
ACTIVE FILTERS
RELATED OPERATIONAL AMPLIFIER PRODUCTS
DESCRIPTION
SINGLES
DUALS
TRIPLES
Low-Power Voltage-Feedback
—
OPA2890
—
with Disable
Voltage-Feedback Amplifier
OPA690
OPA2690
OPA3690
with Disable (1800V/
μs)
Current-Feedback Amplifier
OPA691
OPA2691
OPA3691
with Disable (2100V/
μs)
Fixed Gain
OPA692
—
OPA3692
Multiplying DAC Transimpedance Amplifier
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA890IDBVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA890IDBVT BURR-BROWN-OPA890IDBVT Datasheet
901Kb / 32P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA890IDBVT TI2-OPA890IDBVT Datasheet
1Mb / 37P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
REVISED DECEMBER 2009
OPA890IDBVT.A TI2-OPA890IDBVT.A Datasheet
1Mb / 37P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
REVISED DECEMBER 2009
More results

Similar Description - OPA890IDBVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA680 BURR-BROWN-OPA680 Datasheet
235Kb / 21P
Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA690 TI-OPA690 Datasheet
410Kb / 22P
Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA2690 BURR-BROWN-OPA2690 Datasheet
487Kb / 30P
Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA890 BURR-BROWN-OPA890 Datasheet
901Kb / 32P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2889 BURR-BROWN-OPA2889 Datasheet
1Mb / 35P
Dual, Low-Power, Wideband, Voltage Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA2890 TI-OPA2890 Datasheet
780Kb / 35P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA2890 TI-OPA2890_08 Datasheet
815Kb / 35P
Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA690IDBVTG4 TI1-OPA690IDBVTG4 Datasheet
1Mb / 37P
Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com