Electronic Components Datasheet Search
  English  ▼

X  

OPA656UG4 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA656UG4
Description  Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA656UG4 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button OPA656UG4 Datasheet HTML 4Page - National Semiconductor (TI) OPA656UG4 Datasheet HTML 5Page - National Semiconductor (TI) OPA656UG4 Datasheet HTML 6Page - National Semiconductor (TI) OPA656UG4 Datasheet HTML 7Page - National Semiconductor (TI) OPA656UG4 Datasheet HTML 8Page - National Semiconductor (TI) OPA656UG4 Datasheet HTML 9Page - National Semiconductor (TI) OPA656UG4 Datasheet HTML 10Page - National Semiconductor (TI) OPA656UG4 Datasheet HTML 11Page - National Semiconductor (TI) OPA656UG4 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
OPA656
8
SBOS196G
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
TA = +25°C, G = +2, RF = 250Ω, RL = 100Ω, unless otherwise noted.
INVERTING OVERDRIVE RECOVERY
Time (20ns/div)
5
4
3
2
1
0
–1
–2
–3
–4
–5
R
L = 100Ω
R
F = 402Ω
G = –1
See Figure 2
Output
Input
NONINVERTING INPUT OVERDRIVE RECOVERY
Time (20ns/div)
8.0
6.4
4.8
3.2
1.6
0
–1.6
–3.2
–4.8
–6.4
–8.0
4.0
3.2
2.4
1.6
0.8
0
–0.8
–1.6
–2.4
–3.2
–4.0
R
L = 100Ω
G = +2
See Figure 1
Output Voltage
Left Scale
Input Voltage
Right Scale
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
–50
–25
0
25
50
75
100
125
Ambient Temperature (
°C)
150
125
100
75
50
25
0
18
15
12
9
6
3
0
Supply Current
Right Scale
Left Scale
Sourcing Current
Sinking Current
Left Scale
TYPICAL INPUT BIAS CURRENT DRIFT
OVER TEMPERATURE
–50
–25
0
25
50
75
100
125
Ambient Temperature (
°C)
1000
900
800
700
600
500
400
300
200
100
0
TYPICAL INPUT BIAS CURRENT
vs COMMON-MODE INPUT VOLTAGE
–3
–2
–1
012
3
Common-Mode Input Voltage (V)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
TYPICAL INPUT OFFSET VOLTAGE DRIFT
OVER TEMPERATURE
–50
–25
0
25
50
75
100
125
Ambient Temperature (
°C)
1.0
0.5
0
–0.5
–1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com