Electronic Components Datasheet Search
  English  ▼

X  

OPA656UG4 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA656UG4
Description  Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA656UG4 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  OPA656UG4 Datasheet HTML 1Page - National Semiconductor (TI) OPA656UG4 Datasheet HTML 2Page - National Semiconductor (TI) OPA656UG4 Datasheet HTML 3Page - National Semiconductor (TI) OPA656UG4 Datasheet HTML 4Page - National Semiconductor (TI) OPA656UG4 Datasheet HTML 5Page - National Semiconductor (TI) OPA656UG4 Datasheet HTML 6Page - National Semiconductor (TI) OPA656UG4 Datasheet HTML 7Page - National Semiconductor (TI) OPA656UG4 Datasheet HTML 8Page - National Semiconductor (TI) OPA656UG4 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
APPLICATIONS
q WIDEBAND PHOTODIODE AMPLIFIERS
q SAMPLE-AND-HOLD BUFFERS
q CCD OUTPUT BUFFERS
q ADC INPUT BUFFERS
q WIDEBAND PRECISION AMPLIFIERS
q TEST AND MEASUREMENT FRONT ENDS
DESCRIPTION
The OPA656 combines a very wideband, unity-gain stable,
voltage-feedback op amp with a FET-input stage to offer an
ultra high dynamic-range amplifier for ADC (Analog-to-Digital
Converter) buffering and transimpedance applications. Extremely
low DC errors give good precision in optical applications.
The high unity-gain stable bandwidth and JFET input allows
exceptional performance in high-speed, low-noise integrators.
The high input impedance and low bias current provided by
the FET input is supported by the ultra-low 7nV/
√Hz input
voltage noise to achieve a very low integrated noise in
wideband photodiode transimpedance applications.
Broad transimpedance bandwidths are achievable given the
OPA656’s high 230MHz gain bandwidth product. As shown
below, a –3dB bandwidth of 1MHz is provided even for a high
1M
Ω transimpedance gain from a 47pF source capacitance.
FEATURES
q 500MHz UNITY-GAIN BANDWIDTH
q LOW INPUT BIAS CURRENT: 2pA
q LOW OFFSET AND DRIFT:
±0.25mV, ±2µV/°C
q LOW DISTORTION: 74dB SFDR at 5MHz
q HIGH OUTPUT CURRENT: 70mA
q LOW INPUT VOLTAGE NOISE: 7nV/
√Hz
Wideband, Unity-Gain Stable, FET-Input
OPERATIONAL AMPLIFIER
Frequency
1M
Ω TRANSIMPEDANCE BANDWIDTH
130
120
110
100
90
80
10kHz
100kHz
1MHz
5MHz
1MHz Bandwidth
OPA656
Wideband Photodiode Transimpedance Amplifier
(47pF)
λ
–V
b
499k
Ω
499k
Ω
V
O
1pF
OPA656
SBOS196G – DECEMBER 2001 – REVISED NOVEMBER 2008
www.ti.com
Copyright © 2001-2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
OPA656
SLEW VOLTAGE
VS
BW
RATE
NOISE
DEVICE
(V) (MHz) (V/
µS) (nV/√HZ) AMPLIFIER DESCRIPTION
OPA355
+5
200
300
5.8
Unity-Gain Stable CMOS
OPA655
±5
400
290
6
Unity-Gain Stable FET-Input
OPA657
±5 1600
700
4.8
Gain of +7 Stable FET-Input
OPA627
±15
16
55
4.5
Unity-Gain Stable FET-Input
THS4601
±15 180
100
5.4
Unity-Gain Stable FET-Input
RELATED OPERATIONAL AMPLIFIER PRODUCTS
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
All trademarks are the property of their respective owners.
www.ti.com


Similar Part No. - OPA656UG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA656UG4 TI-OPA656UG4 Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656UG4 TI1-OPA656UG4 Datasheet
1Mb / 33P
Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
More results

Similar Description - OPA656UG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA655 BURR-BROWN-OPA655 Datasheet
222Kb / 14P
Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Elantec Semiconductor
EL2041 ELANTEC-EL2041 Datasheet
1Mb / 13P
Wideband Fast Settling Unity Gain Stable, Operational Amplifier
logo
Texas Instruments
OPA659 TI-OPA659 Datasheet
930Kb / 25P
Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
OPA656-DIE TI1-OPA656-DIE Datasheet
76Kb / 4P
WIDEBAND, UNITY-GAIN STABLE, FET-INPUT OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656NB TI-OPA656NB Datasheet
814Kb / 25P
Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA659 NSC-OPA659 Datasheet
1Mb / 32P
Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA659 TI-OPA659_15 Datasheet
1Mb / 35P
OPA659 Wideband, Unity-Gain Stable, JFET-Input Operational Amplifier
OPA656 TI1-OPA656 Datasheet
1Mb / 33P
Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
OPA655 TI1-OPA655 Datasheet
191Kb / 16P
Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com