Electronic Components Datasheet Search
  English  ▼

X  

OPA656UG4 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA656UG4
Description  Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA656UG4 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button OPA656UG4 Datasheet HTML 5Page - National Semiconductor (TI) OPA656UG4 Datasheet HTML 6Page - National Semiconductor (TI) OPA656UG4 Datasheet HTML 7Page - National Semiconductor (TI) OPA656UG4 Datasheet HTML 8Page - National Semiconductor (TI) OPA656UG4 Datasheet HTML 9Page - National Semiconductor (TI) OPA656UG4 Datasheet HTML 10Page - National Semiconductor (TI) OPA656UG4 Datasheet HTML 11Page - National Semiconductor (TI) OPA656UG4 Datasheet HTML 12Page - National Semiconductor (TI) OPA656UG4 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
OPA656
9
SBOS196G
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
TA = +25°C, G = +2, RF = 250Ω, RL = 100Ω, unless otherwise noted.
COMMON-MODE REJECTION RATIO
vs COMMON-MODE INPUT VOLTAGE
–5
–4
–3
–2
–15
4
3
2
1
0
Common-Mode Input Voltage (V)
110
90
70
50
CLOSED-LOOP OUTPUT IMPEDANCE
vs FREQUENCY
1k
10k
100k
1M
10M
100M
Frequency (Hz)
10
1
0.1
0.01
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
–100 –80
–60 –40
–20
0
20
40
60
80
100
I
O (mA)
5
4
3
2
1
0
–1
–2
–3
–4
–5
1W Internal Power
R
L = 100Ω
R
L = 50Ω
R
L = 25Ω
1W Internal Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com