Electronic Components Datasheet Search
  English  ▼

X  

OPA2835IDGS Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # OPA2835IDGS
Description  Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

OPA2835IDGS Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button OPA2835IDGS Datasheet HTML 29Page - National Semiconductor (TI) OPA2835IDGS Datasheet HTML 30Page - National Semiconductor (TI) OPA2835IDGS Datasheet HTML 31Page - National Semiconductor (TI) OPA2835IDGS Datasheet HTML 32Page - National Semiconductor (TI) OPA2835IDGS Datasheet HTML 33Page - National Semiconductor (TI) OPA2835IDGS Datasheet HTML 34Page - National Semiconductor (TI) OPA2835IDGS Datasheet HTML 35Page - National Semiconductor (TI) OPA2835IDGS Datasheet HTML 36Page - National Semiconductor (TI) OPA2835IDGS Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
OPA 835
2 kW
V
IN
R
G
R
F
C
F
V
OUT
0
1
10
100
f - Frequency - MHz
V = 5 V,
V
= 100 Vpp,
G = 2,
R = 2 k
S
OUT
L
W
-9
-6
-3
0
3
6
9
12
15
18
21
R = 100 k
F
W
R = 10 k
F
W
R = 2 k
F
W
R = 100 k
C = 1 pF
F
F
W
R = 10 k
C = 1 pF
F
F
W
OPA835
OPA2835
www.ti.com
SLOS713E – JANUARY 2011 – REVISED JULY 2013
Low Power Applications and the Effects of Resistor Values on Bandwidth
The OPA835 and OPA2835 are designed for the nominal value of RF to be 2 kΩ in gains other than +1. This
gives excellent distortion performance, maximum bandwidth, best flatness, and best pulse response. It also loads
the amplifier. For example; in gain of 2 with RF = RG = 2 kΩ, RG to ground, and VOUT = 4 V, 1mA of current will
flow through the feedback path to ground. In gain of +1, RG is open and no current will flow to ground. In low
power applications, it is desirable to reduce this current by increasing the gain setting resistors values. Using
larger value gain resistors has two primary side effects (other than lower power) due to their interaction with
parasitic circuit capacitance.
1. Lowers the bandwidth.
2. Lowers the phase margin
(a) This will cause peaking in the frequency response.
(b) And will cause over shoot and ringing in the pulse response.
Figure 69 shows the small signal frequency response on OPA835EVM for non-inverting gain of 2 with RF and RG
equal to 2 k
Ω, 10 kΩ, and 100 kΩ. The test was done with RL = 2 kΩ. Due to loading effects of RL, lower values
may reduce the peaking, but higher values will not have a significant effect.
Figure 69. Frequency Response with Various Gain Setting Resistor Values
As expected, larger value gain resistors cause lower bandwidth and peaking in the response (peaking in
frequency response is synonymous with overshoot and ringing in pulse response). Adding 1 pF capacitors in
parallel with RF helps compensate the phase margin and restores flat frequency response. Figure 70 shows the
test circuit used.
Figure 70. G=2 Test Circuit for Various Gain Setting Resistor Values
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com