Electronic Components Datasheet Search
  English  ▼

X  

THS4012CDGNG4 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # THS4012CDGNG4
Description  290-MHz LOW-DISTORTION HIGH-SPEED AMPLIFIERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4012CDGNG4 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  THS4012CDGNG4 Datasheet HTML 1Page - National Semiconductor (TI) THS4012CDGNG4 Datasheet HTML 2Page - National Semiconductor (TI) THS4012CDGNG4 Datasheet HTML 3Page - National Semiconductor (TI) THS4012CDGNG4 Datasheet HTML 4Page - National Semiconductor (TI) THS4012CDGNG4 Datasheet HTML 5Page - National Semiconductor (TI) THS4012CDGNG4 Datasheet HTML 6Page - National Semiconductor (TI) THS4012CDGNG4 Datasheet HTML 7Page - National Semiconductor (TI) THS4012CDGNG4 Datasheet HTML 8Page - National Semiconductor (TI) THS4012CDGNG4 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
−40
−50
−60
−70
−80
−90
100k
1M
10M
f − Frequency − Hz
−100
−110
2ndHarmonic
VCC = ±15V
RL =150 Ω
G=2
3rdHarmonic
DISTORTION
vs
FREQUENCY
THS4011
THS4012
SLOS216E – JUNE 1999 – REVISED APRIL 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
PACKAGED DEVICES(1)
PACKAGED DEVICES
NUMBER OF
MSOP
EVALUATION
TA
PLASTIC SMALL
PLASTIC MSOP(2)
CERAMIC DIP
CHIP CARRIER
CHANNELS
SYMBOL
MODULE
OUTLINE(2) (D)
(DGN)
(JG)
(FK)
1
THS4011CD
THS4011CDGN
TIACI
—
—
THS4011EVM
0°C to
70°C
2
THS4012CD
THS4012CDGN(3)
TIABY
—
—
THS4012EVM
1
THS4011ID
THS4011DGN
TIACJ
—
—
—
–40°C to
85°C
2
THS4012ID
THS4012IDGN(3)
TIABZ
—
—
—
–55°C to
1
—
—
—
THS4011MJG
THS4011MFK
—
125°C
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
The D and DGN packages are available taped and reeled. Add an R suffix to the device type (i.e., THS4011CDGNR).
(3)
This device is in the Product Preview stage of development. Please contact your local TI sales office for availability.
2
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated
Product Folder Link(s): THS4011 THS4012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com